Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 13Page - National Semiconductor (TI) CS5530A Datasheet HTML 14Page - National Semiconductor (TI) CS5530A Datasheet HTML 15Page - National Semiconductor (TI) CS5530A Datasheet HTML 16Page - National Semiconductor (TI) CS5530A Datasheet HTML 17Page - National Semiconductor (TI) CS5530A Datasheet HTML 18Page - National Semiconductor (TI) CS5530A Datasheet HTML 19Page - National Semiconductor (TI) CS5530A Datasheet HTML 20Page - National Semiconductor (TI) CS5530A Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 259 page
background image
Revision 1.1
17
www.national.com
Signal Definitions (Continued)
L2 FP_ENA_VDD
No Function
L3 FP_CLK_EVEN
No Function
L4 VDD
L23 VDD
L24 SUSP_3V
L25 SUSPA#
L26 PSERIAL
M1 FP_CLK
No Function
M2 DDC_SCL
M3 VSS
M4 DDC_SDA
M23 PLLDVD
M24 VSS
M25 PLLVAA
M26 NC
N1 HSYNC_OUT
N2 VSYNC_OUT
N3 VSS
N4 AVDD3 (DAC)
N23 PLLTEST
N24 NC
N25 PLLAGD
N26 PLLDGN
P1 AVSS4 (ICAP)
P2 AVSS5 (DAC)
P3 IOUTR
P4 IOUTG
P23 VSS
P24 CLK_14MHZ
P25 SMI#
P26 INTR
R1 IOUTB
R2 AVSS1 (DAC)
R3 IREF
R4 AVSS2 (ICAP)
R23 IRQ13
R24 IDE_IOW0#
R25 IDE_IOR1#
R26 IDE_IOR0#
T1 NC
T2 EXTVREFIN
T3 AVDD2 (VREF)
T4 AVSS3 (VREF)
T23 VDD
T24 IDE_DACK1#
T25 IDE_IOW1#
T26 IDE_DACK0#
U1 AVDD1 (DAC)
U2 VDD_USB
U3 SYNC
U4 SDATA_IN
Pin
No.
Signal Name
Limited
ISA Mode
ISA Master
Mode
U23 IDE_DATA7
U24 IDE_DATA6
U25 IDE_ADDR0
U26 IDE_ADDR1
V1 SDATA_OUT
V2 BIT_CLK
V3 PC_BEEP
V4 POWER_EN
V23 VSS
V24 IDE_DATA8
V25 IDE_DATA10
V26 IDE_CS0#
W1 USBCLK
W2 NC
W3 OVER_CUR#
W4 VSS
W23 VSS
W24 IDE_ADDR2
W25 IDE_RST#
W26 IDE_DATA5
Y1 D–_PORT1
Y2 D+_PORT1
Y3 NC
Y4 VSS
Y23 VDD
Y24 IDE_DATA11
Y25 IDE_DATA9
Y26 IDE_CS1#
AA1 D–_PORT2
AA2 D+_PORT2
AA3 NC
AA4 AVSS_USB
AA23 VSS
AA24 IDE_DATA1
AA25 IDE_DATA12
AA26 IDE_DATA4
AB1 NC
AB2 NC
AB3 NC
AB4 AVDD_USB
AB23 IDE_DATA15
AB24 IDE_DATA2
AB25 IDE_DATA13
AB26 IDE_DATA3
AC1 NC
AC2 NC
AC3 NC
AC4 VSS
AC5 VSS
AC6 SA3/SD3
SD3
AC7 DACK7#
Pin
No.
Signal Name
Limited
ISA Mode
ISA Master
Mode
AC8 DACK1#
AC9 VSS
AC10 VDD
AC11 IOW#
AC12 VSS
AC13 VSS
AC14 IRQ3
AC15 MEMCS16#
AC16 VSS
AC17 IRQ14
AC18 VSS
AC19 VDD
AC20 SA10/SD10
SD10
AC21 GPIO5/SA21
SA21
AC22 GPIO0
AC23 VSS
AC24 IDE_DREQ1
AC25 IDE_DATA14
AC26 IDE_DATA0
AD1 NC
AD2 NC
AD3 NC
AD4 SMEMR#/RTCALE
AD5 SA5/SD5
SD5
AD6 ISACLK
AD7 DACK6#
AD8 DACK0#
AD9 SA2/SD2
SD2
AD10 SA19
AD11 SA16
AD12 DRQ1
AD13 DRQ3
AD14 IRQ7
AD15 SA_LATCH
SA_DIR
AD16 VDD
AD17 IRQ15
AD18 DRQ5
AD19 SA9/SD9
SD9
AD20 VSS
AD21 GPORT_CS#
AD22 GPIO4/SA20
SA20
AD23 VDD
AD24 SA14/SD14
SD14
AD25 IDE_IORDY0
AD26 IDE_DREQ0
AE1 NC
AE2 NC
AE3 CLK_32K
AE4 KBROMCS#
AE5 IRQ9
AE6 SA1/SD1
SD1
Pin
No.
Signal Name
Limited
ISA Mode
ISA Master
Mode
Table 2-2.
352 PBGA Pin Assignments - Sorted by Pin Number (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com