Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 7Page - National Semiconductor (TI) CS5530A Datasheet HTML 8Page - National Semiconductor (TI) CS5530A Datasheet HTML 9Page - National Semiconductor (TI) CS5530A Datasheet HTML 10Page - National Semiconductor (TI) CS5530A Datasheet HTML 11Page - National Semiconductor (TI) CS5530A Datasheet HTML 12Page - National Semiconductor (TI) CS5530A Datasheet HTML 13Page - National Semiconductor (TI) CS5530A Datasheet HTML 14Page - National Semiconductor (TI) CS5530A Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 259 page
background image
Revision 1.1
11
www.national.com
Architecture Overview (Continued)
1.8
CLOCK GENERATION
In a CS5530A/GX-series processor based system, the
CS5530A generates only the video DOT clock (DCLK) for
the CPU and the ISA clock. All other clocks are generated
by an external clock chip.
The ISACLK is created by dividing the PCICLK. For ISA
compatibility, the ISACLK nominally runs at 8.33 MHz or
less. The ISACLK dividers are programmed via F0 Index
50h[2:0].
DCLK is generated from the 14.31818 MHz input
(CLK_14MHZ). A combination of a phase locked loop
(PLL), linear feedback shift register (LFSR) and divisors
are used to generate the desired frequencies for the DCLK.
The divisors and LFSR are configurable through the
F4BAR+Memory Offset 24h. For applications that do not
use the GX-series processor’s graphics subsystem, this is
an available clock for general purpose use.
Figure 1-4 shows a block diagram for clock generation
within the CS5530A.
Figure 1-4. CS5530A Clock Generation
1.9
UNIVERSAL SERIAL BUS
The CS5530A provides two complete, independent USB
ports. Each port has a Data “–” and a Data “+” pin.
The USB controller is a compliant Open Host Controller
Interface (OpenHCI). The OpenHCI specification provides
a register-level description for a host controller, as well as a
common industry hardware/software interface and drivers
(see OpenHCI Specification, Revision 1.0, for description).
DCLK
DCLK
PLL
÷N
TVCLK
CLK_14MHZ
ISACLK
PCICLK
M
U
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com