Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 25Page - National Semiconductor (TI) CS5530A Datasheet HTML 26Page - National Semiconductor (TI) CS5530A Datasheet HTML 27Page - National Semiconductor (TI) CS5530A Datasheet HTML 28Page - National Semiconductor (TI) CS5530A Datasheet HTML 29Page - National Semiconductor (TI) CS5530A Datasheet HTML 30Page - National Semiconductor (TI) CS5530A Datasheet HTML 31Page - National Semiconductor (TI) CS5530A Datasheet HTML 32Page - National Semiconductor (TI) CS5530A Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 259 page
background image
Revision 1.1
29
www.national.com
Signal Definitions (Continued)
SMEMW#/
FP_HSYNC_OUT
E1
O
Limited ISA Mode: Flat Panel Horizontal Sync Output
Refer to Section 2.2.11 "Display Interface" on page 35 for this signal’s defini-
tion.
Note that if Limited ISA Mode of operation is selected, SMEMW# is available
on pin AF3 (multiplexed with RTCCS#).
ISA Master Mode: System Memory Write
SMEMW# is asserted for any memory write accesses below 1 MB (i.e.,
A23:A20 set to 0). This enables 8-bit memory slaves to decode the memory
address on SA[19:0].
SMEMR#/
FP_VSYNC_OUT
E3
O
Limited ISA Mode: Flat Panel Vertical Sync Output
Refer to Section 2.2.11 "Display Interface" on page 35 for this signal’s defini-
tion.
Note that if Limited ISA Mode of operation is selected, SMEMR# is available
on pin AD4 (multiplexed with RTCALE).
ISA Master Mode: System Memory Read
SMEMR# is asserted for memory read accesses below 1 MB (i.e., A23:A20
set to 0). This enables 8-bit memory slaves to decode the memory address
on SA[19:0].
SMEMW#/
RTCCS#
AF3
O
System Memory Write / Real-Time Clock Chip Select
If Limited ISA Mode of operation has been selected, then SMEMW# can be
output on this pin. SMEMW# is asserted for any memory write accesses
below 1 MB (i.e., A23:A20 set to 0). This enables 8-bit memory slaves to
decode the memory address on SA[19:0].
RTCCS# is a chip select to an external real-time clock chip. This signal is
activated on reads or writes to I/O Port 071h.
Function selection is made through F0 Index 53h[2]: 0 = SMEMW#,
1= RTCCS#.
SMEMR#/
RTCALE
AD4
O
System Memory Read / Real-Time Clock Address Latch Enable
If Limited ISA Mode of operation has been selected, then SMEMR# can be
output on this pin. SMEMR# is asserted for memory read accesses below 1
MB (i.e., A23:A20 set to 0). This enables 8-bit memory slaves to decode the
memory address on SA[19:0].
RTCALE is a signal telling an external real-time clock chip to latch the
address, which is on the SD bus.
Function selection is made through F0 Index 53h[2]: 0 = SMEMR#,
1= RTCALE.
SBHE#
AE17
I/O
(PU)
System Bus High Enable
The CS5530A or ISA master asserts SBHE# to indicate that SD[15:8] will be
used to transfer a byte at an odd address.
SBHE# is an output during non-ISA master DMA operations. It is driven as
the inversion of AD0 during 8-bit DMA cycles. It is forced low for all 16-bit
DMA cycles.
SBHE# is an input during ISA master operations.
This pin is internally connected to a 20-kohm pull-up resistor.
BALE
AF9
O
Buffered Address Latch Enable
BALE indicates when SA[23:0] and SBHE# are valid and may be latched.
For DMA transfers, BALE remains asserted until the transfer is complete.
2.2.5
ISA Bus Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com