Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 33Page - National Semiconductor (TI) CS5530A Datasheet HTML 34Page - National Semiconductor (TI) CS5530A Datasheet HTML 35Page - National Semiconductor (TI) CS5530A Datasheet HTML 36Page - National Semiconductor (TI) CS5530A Datasheet HTML 37Page - National Semiconductor (TI) CS5530A Datasheet HTML 38Page - National Semiconductor (TI) CS5530A Datasheet HTML 39Page - National Semiconductor (TI) CS5530A Datasheet HTML 40Page - National Semiconductor (TI) CS5530A Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 259 page
background image
Revision 1.1
37
www.national.com
Signal Definitions (Continued)
FP_DATA[15:0]/
SA[15:0]
Refer
to
Table
2-3
O
Limited ISA Mode: Flat Panel Data Port Lines 15 through 0
This is the data port to an attached active matrix TFT panel. This port may
optionally be tied to a DSTN formatter chip, LVDS transmitter, or digital
NTSC/PAL encoder.
F4BAR+Memory Offset 04h[7] enables the flat panel data bus:
0 = FP_DATA[17:0] is forced low
1 = FP_DATA[17:0] is driven based upon power sequence control
I/O
ISA Master Mode: System Address Bus Lines 15 through 0
These pins function as SA[15:0] and the pins designated as SA/SD[15:0]
function only as SD[15:0].
Note that SA[19:16] are dedicated address pins and GPIO[7:4] function as
SA[23:20] only.
FP_CLK
M1
O
Limited ISA Mode: Flat Panel Clock
This is the clock for the flat panel interface.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A cannot support TFT flat
panels or TV controllers.
FP_CLK_EVEN
L3
O
Limited ISA Mode: Flat Panel Even Clock
This is an optional output clock for a set of external latches used to de-multi-
plex the flat panel data bus into two channels (odd/even). Typically this
would be used to interface to a pair of LVDS transmitters driving an XGA
resolution flat panel.
F4BAR+Memory Offset 04h[12] enables the FP_CLK_EVEN output:
0 = Standard flat panel
1 = XGA flat panel
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_HSYNC
C2
I
Limited ISA Mode: Flat Panel Horizontal Sync Input
This is the horizontal sync input reference from the processor’s display con-
troller. The timing of this signal is independent of the standard (CRT) hori-
zontal sync input to allow a different timing relationship between the flat
panel and an attached CRT.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_HSYNC_OUT
/SMEMW#
E1
O
Limited ISA Mode: Flat Panel Horizontal Sync Output
This is the horizontal sync for an attached active matrix TFT flat panel. This
represents a delayed version of the input flat panel horizontal sync signal
with the appropriate pipeline delay relative to the pixel data.
ISA Master Mode: System Memory Write
Refer to Section 2.2.5 "ISA Bus Interface" on page 28 for this signal’s defini-
tion.
2.2.11 Display Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com