Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 34Page - National Semiconductor (TI) CS5530A Datasheet HTML 35Page - National Semiconductor (TI) CS5530A Datasheet HTML 36Page - National Semiconductor (TI) CS5530A Datasheet HTML 37Page - National Semiconductor (TI) CS5530A Datasheet HTML 38Page - National Semiconductor (TI) CS5530A Datasheet HTML 39Page - National Semiconductor (TI) CS5530A Datasheet HTML 40Page - National Semiconductor (TI) CS5530A Datasheet HTML 41Page - National Semiconductor (TI) CS5530A Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 259 page
background image
www.national.com
38
Revision 1.1
Signal Definitions (Continued)
FP_VSYNC
C1
I
Limited ISA Mode: Flat Panel Vertical Sync Input
This is the vertical sync input reference from the processor’s display control-
ler. The timing of this signal is independent of the standard (CRT) vertical
sync input to allow a different timing relationship between the flat panel and
an attached CRT.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_VSYNC_OUT
/SMEMR#
E3
O
Limited ISA Mode: Flat Panel Vertical Sync Output
This is the vertical sync for an attached active matrix TFT flat panel. This
represents a delayed version of the input flat panel vertical sync signal with
the appropriate pipeline delay relative to the pixel data.
ISA Master Mode: System Memory Read
Refer to Section 2.2.5 "ISA Bus Interface" on page 28 on for this signal’s def-
inition.
FP_DISP_
ENA_OUT
F2
O
Flat Panel Display Enable Output
This is the display enable for an attached active matrix TFT flat panel. This
signal qualifies active pixel data on the flat panel interface.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_ENA_VDD
L2
O
Flat Panel VDD Enable
This is the enable signal for the VDD supply to an attached flat panel. It is
under the control of power sequence control logic. A transition on bit 6 of the
Display Configuration Register (F4BAR+Memory Offset 04h) initiates a
power-up/down sequence.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
FP_ENA_BKL
J4
O
Flat Panel Backlight Enable Output
This is the enable signal for the backlight power supply to an attached flat
panel. It is under control of the power sequence control logic.
--
ISA Master Mode: No Function
In the ISA Master mode of operation, the CS5530A can not support TFT flat
panels or TV controllers.
2.2.11 Display Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com