Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 56Page - National Semiconductor (TI) CS5530A Datasheet HTML 57Page - National Semiconductor (TI) CS5530A Datasheet HTML 58Page - National Semiconductor (TI) CS5530A Datasheet HTML 59Page - National Semiconductor (TI) CS5530A Datasheet HTML 60Page - National Semiconductor (TI) CS5530A Datasheet HTML 61Page - National Semiconductor (TI) CS5530A Datasheet HTML 62Page - National Semiconductor (TI) CS5530A Datasheet HTML 63Page - National Semiconductor (TI) CS5530A Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 259 page
background image
www.national.com
60
Revision 1.1
Functional Description (Continued)
Index 96h
Suspend Configuration Register (R/W)
Reset Value = 00h
7:5
Reserved: Set to 0.
4
Power Savings: 0 = Enable; 1 = Disable.
3
Include ISA Clock in Power Savings Mode: 0 = ISA clock not included; 1 = ISA clock included.
2
Suspend Mode Configuration: “Special 3 Volt Suspend” mode to support powering down a GX-series processor during
Suspend. 0 = Disable; 1 = Enable.
1
SMI Speedup Configuration: Selects how Suspend Modulation function reacts when an SMI occurs.
0 = Use the IRQ Speedup Timer Count Register (F0 Index 8Ch) to temporarily disable Suspend Modulation when an SMI
occurs.
1 = Disable Suspend Modulation when an SMI occurs until a read to the SMI Speedup Disable Register (F1BAR+Memory
Offset 08h).
The purpose of this bit is to disable Suspend Modulation while the CPU is in the System Management Mode so that VSA
technology and power management operations occur at full speed. Two methods for accomplishing this are either to map
the SMI into the IRQ Speedup Timer Count Register (F0 Index 8Ch), or to have the SMI disable Suspend Modulation until
the SMI handler reads the SMI Speedup Disable Register (F1BAR+Memory Offset 08h). The latter is the preferred method.
The IRQ speedup method is provided for software compatibility with earlier revisions of the CS5530A. This bit has no effect
if the Suspend Modulation feature is disabled (bit 0 = 0).
0
Suspend Modulation Feature: 0 = Disable; 1 = Enable.
When enabled, the SUSP# pin will be asserted and deasserted for the durations programmed in the Suspend Modulation
OFF/ON Count Registers (F0 Index 94h/95h).
F0 Index A8h-A9h
Video Overflow Count Register (R/W)
Reset Value = 0000h
15:0
Video Overflow Count: Each time the Video Speedup timer (F0 Index 8Dh) is triggered, a 100 ms timer is started. If the
100 ms timer expires before the Video Speedup timer lapses, the Video Overflow Count Register increments and the 100
ms timer re-triggers. Software clears the overflow register when new evaluations are to begin. The count contained in this
register may be combined with other data to determine the type of video accesses present in the system.
F1BAR+Memory Offset 08h-09h
SMI Speedup Disable Register (Read to Enable)
Reset Value = 0000h
15:0
SMI Speedup Disable: If bit 1 in the Suspend Configuration Register is set (F0 Index 96h[1] = 1), a read of this register
invokes the SMI handler to re-enable Suspend Modulation.
The data read from this register can be ignored. If the Suspend Modulation feature is disabled, reading this I/O location has
no effect.
Table 3-14. Suspend Modulation Related Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com