Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 18Page - National Semiconductor (TI) CS5530A Datasheet HTML 19Page - National Semiconductor (TI) CS5530A Datasheet HTML 20Page - National Semiconductor (TI) CS5530A Datasheet HTML 21Page - National Semiconductor (TI) CS5530A Datasheet HTML 22Page - National Semiconductor (TI) CS5530A Datasheet HTML 23Page - National Semiconductor (TI) CS5530A Datasheet HTML 24Page - National Semiconductor (TI) CS5530A Datasheet HTML 25Page - National Semiconductor (TI) CS5530A Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 259 page
background image
www.national.com
22
Revision 1.1
Signal Definitions (Continued)
VID_DATA7
I
8 mA
C12
VID_RDY
O
8 mA
B10
VID_VAL
I
8 mA
B7
VSS
GND
--
D12
VSS
GND
--
D13
VSS
GND
--
D16
VSS
GND
--
AA23
VSS
GND
--
AC12
VSS
GND
--
AC13
VSS
GND
--
AC16
VSS
GND
--
AC18
VSS
GND
--
AC23
VSS
GND
--
AC4
VSS
GND
--
AC5
VSS
GND
--
AC9
VSS
GND
--
AD20
VSS
GND
--
C18
VSS
GND
--
C21
VSS
GND
--
D19
VSS
GND
--
D20
VSS
GND
--
D22
VSS
GND
--
D23
VSS
GND
--
D4
VSS
GND
--
D8
VSS
GND
--
E23
VSS
GND
--
E4
Signal Name
Pin Type1 Buffer Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
VSS
GND
--
F23
VSS
GND
--
G23
VSS
GND
--
H23
VSS
GND
--
H4
VSS
GND
--
J23
VSS
GND
--
K23
VSS
GND
--
K4
VSS
GND
--
M24
VSS
GND
--
M3
VSS
GND
--
N3
VSS
GND
--
P23
VSS
GND
--
V23
VSS
GND
--
W23
VSS
GND
--
W4
VSS
GND
--
Y4
VSYNC
I
8 mA
B5
VSYNC_OUT
O
8 mA
N2
ZEROWS#
I
8 mA
AF10
1.
See Table 2-1 "Pin Type Definitions" on page 14 for pin type
definitions.
2.
See Table 5-4 "DC Characteristics" on page 238 and Table 5-
8 "AC Characteristics" on page 242 for more information on
buffer types. Note that some bidirectional buffers are used as
input only, indicated by an "I" in the Pin Type column.
Signal Name
Pin Type1 Buffer Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
Table 2-3.
352 PBGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com