Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 24Page - National Semiconductor (TI) CS5530A Datasheet HTML 25Page - National Semiconductor (TI) CS5530A Datasheet HTML 26Page - National Semiconductor (TI) CS5530A Datasheet HTML 27Page - National Semiconductor (TI) CS5530A Datasheet HTML 28Page - National Semiconductor (TI) CS5530A Datasheet HTML 29Page - National Semiconductor (TI) CS5530A Datasheet HTML 30Page - National Semiconductor (TI) CS5530A Datasheet HTML 31Page - National Semiconductor (TI) CS5530A Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 259 page
background image
www.national.com
28
Revision 1.1
Signal Definitions (Continued)
2.2.5
ISA Bus Interface
Signal Name
Pin
No.
Pin
Type
Description
SA_LATCH/
SA_DIR
AD15
O
Limited ISA Mode: System Address Latch
This signal is used to latch the destination address, which is multiplexed on
bits [15:0] of the SA/SD bus.
ISA Master Mode: System Address Direction
Controls the direction of the external 5.0V tolerant transceiver on bits [15:0]
of the SA bus. When low, the SA bus is driven out. When high, the SA bus is
driven into the CS5530A by the external transceiver.
SA_OE#/
FP_DATA16
H3
O
Limited ISA Mode: Flat Panel Data Port Line 16
Refer to Section 2.2.11 "Display Interface" on page 35 for this signal’s defini-
tion.
O
ISA Master Mode: System Address Transceiver Output Enable
Enables the external transceiver on bits [15:0] of the SA bus.
MASTER#/
FP_DATA17
F3
O
Limited ISA Mode: Flat Panel Data Port Line 17
Refer to Section 2.2.11 "Display Interface" on page 35 for this signal’s defini-
tion.
I
ISA Master Mode: Master
The MASTER# input asserted indicates an ISA bus master is driving the ISA
bus.
SA23/GPIO7
AF23
I/O
Limited ISA Mode: System Address Bus Lines 23 through 20 or
General Purpose I/Os 7 through 4
These pins can function either as the upper four bits of the SA bus or as
general purpose I/Os. Programming is done through F0 Index 43h, bits 6
and 2.
Refer to Section 2.2.9 "Game Port and General Purpose I/O Interface" on
page 33 for further details when used as GPIOs.
SA22/GPIO6
AE23
SA21/GPIO5
AC21
SA20/GPIO4
AD22
ISA Master Mode: System Address Bus Lines 23 through 20
The pins function only as the four MSB (most significant bits) of the SA bus.
SA[19:16]
AD10,
AE11,
AF12,
AD11
I/O
(PU)
System Address Bus Lines 19 through 16
Refer to SA[15:0] signal description.
SA[15:0]/SD[15:0]
Refer
to
Table
2-3
I/O
(PU)
Limited ISA Mode: System Address Bus / System Data Bus
This bus carries both the addresses and data for all ISA cycles. Initially, the
address is placed on the bus and then SA_LATCH is asserted in order for
external latches to latch the address. At some time later, the data is put on
the bus, for a read, or the bus direction is changed to an input, for a write.
Pins designated as SA/SD[15:0] are internally connected to a 20-kohm pull-
up resistor.
ISA Master Mode: System Data Bus
These pins perform only as SD[15:0] and pins FP_DATA[15:0] take on the
functions of SA[15:0].
Pins designated as SA/SD[15:0] are internally connected to a 20-kohm pull-
up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com