Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 26Page - National Semiconductor (TI) CS5530A Datasheet HTML 27Page - National Semiconductor (TI) CS5530A Datasheet HTML 28Page - National Semiconductor (TI) CS5530A Datasheet HTML 29Page - National Semiconductor (TI) CS5530A Datasheet HTML 30Page - National Semiconductor (TI) CS5530A Datasheet HTML 31Page - National Semiconductor (TI) CS5530A Datasheet HTML 32Page - National Semiconductor (TI) CS5530A Datasheet HTML 33Page - National Semiconductor (TI) CS5530A Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 259 page
background image
www.national.com
30
Revision 1.1
Signal Definitions (Continued)
IOCHRDY
AF11
I/O
OD
I/O Channel Ready
IOCHRDY deasserted indicates that an ISA slave requires additional wait
states.
When the CS5530A is an ISA slave, IOCHRDY is an output indicating addi-
tional wait states are required.
ZEROWS#
AF10
I
Zero Wait States
ZEROWS# asserted indicates that an ISA 8- or 16-bit memory slave can
shorten the current cycle. The CS5530A samples this signal in the phase
after BALE is asserted. If asserted, it shortens 8-bit cycles to three ISACLKs
and 16-bit cycles to two ISACLKs.
IOCS16#
AF16
I
I/O Chip Select 16
IOCS16# is asserted by 16-bit ISA I/O devices based on an asynchronous
decode of SA[15:0] to indicate that SD[15:0] will be used to transfer data.
8-bit ISA I/O devices only use SD[7:0].
IOR#
AE12
I/O
(PU)
I/O Read
IOR# is asserted to request an ISA I/O slave to drive data onto the data bus.
This pin is internally connected to a 20-kohm pull-up resistor.
IOW#
AC11
I/O
(PU)
I/O Write
IOW# is asserted to request an ISA I/O slave to accept data from the data
bus.
This pin is internally connected to a 20-kohm pull-up resistor.
MEMCS16#
AC15
I/O
OD
Memory Chip Select 16
MEMCS16# is asserted by 16-bit ISA memory devices based on an asyn-
chronous decode of SA[23:17] to indicate that SD[15:0] will be used to trans-
fer data.
8-bit ISA memory devices only use SD[7:0].
MEMR#
AE19
I/O
(PU)
Memory Read
MEMR# is asserted for any memory read accesses. It enables 16-bit mem-
ory slaves to decode the memory address on SA[23:0].
This pin is internally connected to a 20-kohm pull-up resistor.
MEMW#
AF20
I/O
(PU)
Memory Write
MEMW# is asserted for any memory write accesses. It enables 16-bit mem-
ory slaves to decode the memory address on SA[23:0].
This pin is internally connected to a 20-kohm pull-up resistor.
AEN
AE8
O
Address Enable
AEN asserted indicates that a DMA transfer is in progress, informing I/O
devices to ignore the I/O cycle.
IRQ[15:14], [12:9],
[7:3], 1
Refer
to
Table
2-3
I
ISA Bus Interrupt Request
IRQ inputs indicate ISA devices or other devices requesting a CPU interrupt
service.
IRQ8#
AE14
I
Real-Time Clock Interrupt
IRQ8# is the (active-low) interrupt that comes from the external RTC chip
and indicates a date/time update has completed.
2.2.5
ISA Bus Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com