Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 55Page - National Semiconductor (TI) CS5530A Datasheet HTML 56Page - National Semiconductor (TI) CS5530A Datasheet HTML 57Page - National Semiconductor (TI) CS5530A Datasheet HTML 58Page - National Semiconductor (TI) CS5530A Datasheet HTML 59Page - National Semiconductor (TI) CS5530A Datasheet HTML 60Page - National Semiconductor (TI) CS5530A Datasheet HTML 61Page - National Semiconductor (TI) CS5530A Datasheet HTML 62Page - National Semiconductor (TI) CS5530A Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 259 page
background image
Revision 1.1
59
www.national.com
Functional Description (Continued)
Table 3-14. Suspend Modulation Related Registers
Bit
Description
F0 Index 80h
Power Management Enable Register 1 (R/W)
Reset Value = 00h
4
Video Speedup: Any video activity, as decoded from the serial connection (PSERIAL register, bit 0) from the GX-series pro-
cessor disables clock throttling (via SUSP#/SUSPA# handshake) for a configurable duration when the system is power man-
aged using CPU Suspend modulation. 0 = Disable; 1 = Enable.
The duration of the speedup is configured in the Video Speedup Timer Count Register (F0 Index 8Dh). Detection of an
external VGA access (3Bxh, 3Cxh, 3Dxh and A000h-B7FFh) on the PCI bus is also supported. This configuration is non-
standard, but it does allow the power management routines to support an external VGA chip.
3
IRQ Speedup: Any unmasked IRQ (per I/O Port 021h/0A1h) or SMI disables clock throttling (via SUSP#/SUSPA# hand-
shake) for a configurable duration when the system is power managed using CPU Suspend modulation.
0 = Disable; 1 = Enable.
The duration of the speedup is configured in the IRQ Speedup Timer Count Register (F0 Index 8Ch).
F0 Index 8Ch
IRQ Speedup Timer Count Register (R/W)
Reset Value = 00h
7:0
IRQ Speedup Timer Count: This register holds the load value for the IRQ speedup timer. It is loaded into the timer when
Suspend Modulation is enabled (F0 Index 96h[0] = 1) and an INTR or an access to I/O Port 061h occurs. When the event
occurs, the Suspend Modulation logic is inhibited, permitting full performance operation of the CPU. Upon expiration, no SMI
is generated; the Suspend Modulation begins again. The IRQ speedup timer’s timebase is 1 ms.
This speedup mechanism allows instantaneous response to system interrupts for full-speed interrupt processing. A typical
value here would be 2 to 4 ms.
F0 Index 8Dh
Video Speedup Timer Count Register (R/W)
Reset Value = 00h
7:0
Video Speedup Timer Count: This register holds the load value for the Video speedup timer. It is loaded into the timer
when Suspend Modulation is enabled (F0 Index 96h[0] = 1) and any access to the graphics controller occurs. When a video
access occurs, the Suspend Modulation logic is inhibited, permitting full-performance operation of the CPU. Upon expira-
tion, no SMI is generated; the Suspend Modulation begins again. The video speedup timer’s timebase is 1 ms.
This speedup mechanism allows instantaneous response to video activity for full speed during video processing calcula-
tions. A typical value here would be 50 to 100 ms.
Index 94h
Suspend Modulation OFF Count Register (R/W)
Reset Value = 00h
7:0
Suspend Signal Deasserted Count: This 8-bit value represents the number of 32 µs intervals that the SUSP# pin will be
deasserted to the GX-series processor. This timer, together with the Suspend Modulation ON Count Register (F0 Index
95h), perform the Suspend Modulation function for CPU power management. The ratio of the on-to-off count sets up an
effective (emulated) clock frequency, allowing the power manager to reduce CPU power consumption.
This timer is prematurely reset if an enabled speedup event occurs. The speedup events are IRQ speedups and video
speedups.
Index 95h
Suspend Modulation ON Count Register (R/W)
Reset Value = 00h
7:0
Suspend Signal Asserted Count: This 8-bit value represents the number of 32 µs intervals that the SUSP# pin will be
asserted. This timer, together with the Suspend Modulation OFF Count Register (F0 Index 94h), perform the Suspend Mod-
ulation function for CPU power management. The ratio of the on-to-off count sets up an effective (emulated) clock fre-
quency, allowing the power manager to reduce CPU power consumption.
This timer is prematurely reset if an enabled speedup event occurs. The speedup events are IRQ speedups and video
speedups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com