Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 94Page - National Semiconductor (TI) CS5530A Datasheet HTML 95Page - National Semiconductor (TI) CS5530A Datasheet HTML 96Page - National Semiconductor (TI) CS5530A Datasheet HTML 97Page - National Semiconductor (TI) CS5530A Datasheet HTML 98Page - National Semiconductor (TI) CS5530A Datasheet HTML 99Page - National Semiconductor (TI) CS5530A Datasheet HTML 100Page - National Semiconductor (TI) CS5530A Datasheet HTML 101Page - National Semiconductor (TI) CS5530A Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 259 page
background image
www.national.com
98
Revision 1.1
Functional Description (Continued)
PIT Registers
The PIT registers are summarized and bit formats are in
Table 4-29 "Programmable Interval Timer Registers" on
page 224.
PIT Shadow Register
The PIT registers are shadowed to allow for Save-to-
Disk/RAM to save/restore the PIT state by reading the
PIT’s counter and write-only registers. The read sequence
for the shadow register is listed in F0 Index BAh, Table 3-
42.
3.5.4.3
Programmable Interrupt Controller
The CS5530A includes an AT-compatible Programmable
Interrupt Controller (PIC) configuration with two 8259-
equivalent interrupt controllers in a master/slave configura-
tion (Figure 3-15). These PIC devices support all x86
modes of operation except Special Fully Nested Mode.
Figure 3-15. PIC Interrupt Controllers
IR0
IR1
IR2
IR3
IR4
IR5
IR6
IR7
IRQ0
IRQ1
IRQ2
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
INTR
Coprocessor
8254 Timer 0
RTC_IRQ#
INTR
IR0
IR1
IR2
IR3
IR4
IR5
IR6
IR7
IRQ8
IRQ9
IRQ10
IRQ11
IRQ12
IRQ13
IRQ14
IRQ15
Table 3-42. PIT Shadow Register
Bit
Description
F0 Index BAh
PIT Shadow Register (RO)
Reset Value = xxh
7:0
PIT Shadow (Read Only): This 8-bit port sequences through the following list of shadowed Programmable Interval Timer
registers. At power on, a pointer starts at the first register in the list and consecutively reads to increment through it. A write
to this register resets the read sequence to the first register. Each shadow register in the sequence contains the last data
written to that location.
The read sequence for this register is:
1. Counter 0 LSB (least significant byte)
2. Counter 0 MSB
3. Counter 1 LSB
4. Counter 1 MSB
5. Counter 2 LSB
6. Counter 2 MSB
7. Counter 0 Command Word
8. Counter 1 Command Word
9. Counter 2 Command Word
Note: The LSB/MSB of the count is the Counter base value, not the current value.
Bits [7:6] of the command words are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com