Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 64Page - National Semiconductor (TI) CS5530A Datasheet HTML 65Page - National Semiconductor (TI) CS5530A Datasheet HTML 66Page - National Semiconductor (TI) CS5530A Datasheet HTML 67Page - National Semiconductor (TI) CS5530A Datasheet HTML 68Page - National Semiconductor (TI) CS5530A Datasheet HTML 69Page - National Semiconductor (TI) CS5530A Datasheet HTML 70Page - National Semiconductor (TI) CS5530A Datasheet HTML 71Page - National Semiconductor (TI) CS5530A Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 259 page
background image
www.national.com
68
Revision 1.1
Functional Description (Continued)
Table 3-22. Secondary Hard Disk Idle Timer and Trap Related Registers
Bit
Description
F0 Index 83h
Power Management Enable Register 4 (R/W)
Reset Value = 00h
7
Secondary Hard Disk Idle Timer Enable: Load timer from Secondary Hard Disk Idle Timer Count Register (F0 Index ACh)
and generate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the address ranges selected in F0 Index 93h[4], the timer is reloaded with the programmed count.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[4].
6
Secondary Hard Disk Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the address ranges selected in F0 Index 93h[4], an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[5].
F0 Index 93h
Miscellaneous Device Control Register (R/W)
Reset Value = 00h
4
Partial Secondary Hard Disk Decode: This bit is used to restrict the addresses which are decoded as secondary hard
Disk accesses.
0 = Power management monitors all reads and writes I/O Port 170h-177h, 376h
1 = Power management monitors only writes to I/O Port 176h and 177h
F0 Index ACh-ADh
Secondary Hard Disk Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Secondary Hard Disk Idle Timer Count: The idle timer loaded from this register is used to determine when the secondary
hard disk is not in use so that it can be powered down. The 16-bit value programmed here represents the period of second-
ary hard disk inactivity after which the system is alerted via an SMI. The timer is automatically reloaded with the count value
whenever an access occurs to the configured secondary hard disk’s data port (configured in F0 Index 93h[4]). The timer
uses a 1 second timebase.
To enable this timer set F0 Index 83h[7] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com