Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 9Page - National Semiconductor (TI) CS5530A Datasheet HTML 10Page - National Semiconductor (TI) CS5530A Datasheet HTML 11Page - National Semiconductor (TI) CS5530A Datasheet HTML 12Page - National Semiconductor (TI) CS5530A Datasheet HTML 13Page - National Semiconductor (TI) CS5530A Datasheet HTML 14Page - National Semiconductor (TI) CS5530A Datasheet HTML 15Page - National Semiconductor (TI) CS5530A Datasheet HTML 16Page - National Semiconductor (TI) CS5530A Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 259 page
background image
Revision 1.1
13
www.national.com
2.0
Signal Definitions
This section defines the signals and describes the external
interface of the Geode CS5530A. Figure 2-1 shows the
pins organized by their functional groupings (internal test
and electrical pins are not shown).
Figure 2-1. CS5530A Signal Groups
EXTVREFIN
IOUTG
IOUTB
AVSS1-5
IOUTR
AVDD1-3
AD[31:0]
C/BE[3:0]#
PAR
HOLD_REQ#
FRAME#
TRDY#
STOP#
LOCK#
DEVSEL#
REQ#
GNT#
SERR#
INTA#-INTD#
IRQ13
INTR
SMI#
IDE_DACK1#
IDE_IORDY0
ROM Interface
PCI Bus
CPU Interface
PSERIAL
SUSP#
SUSPA#
KBROMCS#
IRDY#
PERR#
SUSP_3V
IDE_IOW1#
IDE_IOW0#
IDE_IOR0#
IDE_IOR1#
Geode™ CS5530A
IDE_DATA[15:0]
IDE_ADDR[2:0]
IDE_RST#
IDE_CS0#
IDE_CS1#
IDE_DREQ1
IDE_DACK0#
IDE_DREQ0
IDE_IORDY1
TVCLK
DCLK
PCICLK
ISACLK
Clocks
CLK_32K
CLK14_MHZ
Reset
PCI_RST#
POR#
CPU_RST
USBCLK
D+_PORT1
D–_PORT1
D+_PORT2
D–_PORT2
USB
POWER_EN
OVER_CUR#
SDATA_OUT
SDATA_IN
SYNC
BIT_CLK
PC_BEEP
Audio Interface
I/O Companion
PCLK
HSYNC_OUT
HSYNC
VSYNC
PIXEL[23:0]
FP_DATA17 (MASTER#)
FP_CLK (No Function)
Display: Pixel
Display: CRT
ENA_DISP
VSYNC_OUT
DDC_SCL
DDC_SDA
FP_HSYNC_OUT (SMEMW#)
FP_CLK_EVEN (No Function)
FP_VSYNC_OUT (SMEMR#)
IREF
FP_DISP_ENA_OUT (No Function)
FP_ENA_VDD (No Function)
FP_ENA_BKL (No Function)
FP_HSYNC (No Function)
FP_VSYNC (No Function)
Analog
Display: MPEG
PLLDVD
PLLVAA
DCLKPLL
Analog
Port
PLLAGD
PLLDGN
VID_RDY
VID_VAL
VID_CLK
VID_DATA[7:0]
SA[19:16]
(SA_DIR) SA_LATCH
SBHE#
BALE
IOCHRDY
ZEROWS#
IOR#
IOW#
MEMCS16#
MEMR#
MEMW#
AEN
DRQ[7:5], [3:0]
DACK#[7:5], [3:0]
TC
IRQ[15:14], [12:9], [7:3], 1
ISA Bus
IRQ8#
IOCS16#
(SD[15:0]) SA[15:0]/SD[15:0]
GPCS#
GPORT_CS#
(SA[23:20]) GPIO[7:4]/SA[23:20]
GPIO[3:2]
GPIO1/SDATA_IN2
GPIO0
Game Port/
GPIO
SMEMW#/RTCCS#
SMEMR#/RTCALE
FP_DATA16 (SA_OE#)
FP_DATA[15:0] (SA[15:0])
External RTC
Display: TFT/TV
Note: Pins that change
function when ISA Master
mode is invoked are repre-
sented with the ISA Mas-
ter Mode function signal
name in parenthesis.
IDE Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com