Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 74Page - National Semiconductor (TI) CS5530A Datasheet HTML 75Page - National Semiconductor (TI) CS5530A Datasheet HTML 76Page - National Semiconductor (TI) CS5530A Datasheet HTML 77Page - National Semiconductor (TI) CS5530A Datasheet HTML 78Page - National Semiconductor (TI) CS5530A Datasheet HTML 79Page - National Semiconductor (TI) CS5530A Datasheet HTML 80Page - National Semiconductor (TI) CS5530A Datasheet HTML 81Page - National Semiconductor (TI) CS5530A Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 259 page
background image
www.national.com
78
Revision 1.1
Functional Description (Continued)
3.4.3.5
Power Management SMI Status Reporting
Registers
The CS5530A updates status registers to reflect the SMI
sources. Power management SMI sources are the device
idle timers, address traps, and general purpose I/O pins.
Power management events are reported to the processor
through the SMI# pin. It is active low. When an SMI is initi-
ated, the SMI# pin is asserted low and is held low until all
SMI sources are cleared. At that time, SMI# is deasserted.
All SMI sources report to the Top Level SMI Status Regis-
ter (F1BAR+Memory Offset 02h) and the Top Level SMI
Status Mirror Register (F1BAR+Memory Offset 00h). The
Top SMI Status and Status Mirror Registers are the top
level of hierarchy for the SMI handler in determining the
source of an SMI. These two registers are identical except
that reading the register at F1BAR+Memory Offset 02h
clears the status.
Since all SMI sources report to the Top Level SMI Status
Register, many of its bits combine a large number of events
requiring a second level of SMI status reporting. The sec-
ond level of SMI status reporting is set up very much like
the top level. There are two status reporting registers, one
“read only” (mirror) and one “read to clear”. The data
returned by reading either offset is the same, the difference
between the two being that the SMI can not be cleared by
reading the mirror register.
0
Enable GPIO3 as an External SMI Source: Allow GPIO3 to be an external SMI source and to generate an SMI on either a
rising or falling edge transition (depends upon setting of bit 4) 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[0].
Note: For any of the above bits to function properly, the respective GPIO pin must be configured as an input (F0 Index 90h).
Table 3-32. GPIO Pin Configuration/Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com