Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 32Page - National Semiconductor (TI) CS5530A Datasheet HTML 33Page - National Semiconductor (TI) CS5530A Datasheet HTML 34Page - National Semiconductor (TI) CS5530A Datasheet HTML 35Page - National Semiconductor (TI) CS5530A Datasheet HTML 36Page - National Semiconductor (TI) CS5530A Datasheet HTML 37Page - National Semiconductor (TI) CS5530A Datasheet HTML 38Page - National Semiconductor (TI) CS5530A Datasheet HTML 39Page - National Semiconductor (TI) CS5530A Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 259 page
background image
www.national.com
36
Revision 1.1
Signal Definitions (Continued)
IREF
(Video DAC)
R3
I
Analog
VDAC Current Reference Input
Connect a 680 ohm resistor between this pin and AVSS (analog ground for
Video DAC).
EXTVREFIN
(Video DAC)
T2
I
Analog
External Voltage Reference Pin
Connect this pin to a 1.235V voltage reference.
AVDD1 (DAC)
U1
I
Analog
Analog Power for Video DAC
These pins provide power to the analog portions of the Video DAC.
A 47 µF capacitor should be connected between the DAC analog power and
DAC analog ground. Analog power is AVDD1 (pin U1) and AVDD3 (pin N4).
Analog ground is AVSS1 (pin R2) and AVSS5 (pin P2).
AVDD2 (VREF)
T3
AVDD3 (DAC)
N4
AVSS1 (DAC)
R2
I
Analog
Analog Ground for Video DAC
These pins provide the ground plane connections to the analog portions of
the Video DAC.
A 47 µF capacitor should be connected between the DAC analog power and
DAC analog ground. Analog power is AVDD1 (pin U1) and AVDD3 (pin N4).
Analog ground is AVSS1 (pin R2) and AVSS5 (pin P2).
AVSS2 (ICAP)
R4
AVSS3 (VREF)
T4
AVSS4 (ICAP)
P1
AVSS5 (DAC)
P2
IOUTR
(Video DAC)
P3
O
Analog
Red DAC Output
Red analog output.
IOUTG
(Video DAC)
P4
O
Analog
Green DAC Output
Green analog output.
IOUTB
(Video DAC)
R1
O
Analog
Blue DAC Output
Blue analog output.
Display TFT/TV
FP_DATA17/
MASTER#
F3
O
Limited ISA Mode: Flat Panel Data Port Line 17
Refer to FP_DATA[15:0] signal description.
I
ISA Master Mode: Master
Refer to Section 2.2.5 "ISA Bus Interface" on page 28 for this signal’s defini-
tion.
FP_DATA16/
SA_OE#
H3
O
Limited ISA Mode: Flat Panel Data Port Line 16
Refer to FP_DATA[15:0] signal description.
O
ISA Master Mode: System Address Transceiver Output Enable
Refer to Section 2.2.5 "ISA Bus Interface" on page 28 for this signal’s defini-
tion.
2.2.11 Display Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com