Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 70Page - National Semiconductor (TI) CS5530A Datasheet HTML 71Page - National Semiconductor (TI) CS5530A Datasheet HTML 72Page - National Semiconductor (TI) CS5530A Datasheet HTML 73Page - National Semiconductor (TI) CS5530A Datasheet HTML 74Page - National Semiconductor (TI) CS5530A Datasheet HTML 75Page - National Semiconductor (TI) CS5530A Datasheet HTML 76Page - National Semiconductor (TI) CS5530A Datasheet HTML 77Page - National Semiconductor (TI) CS5530A Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 259 page
background image
www.national.com
74
Revision 1.1
Functional Description (Continued)
1
Re-trigger General Purpose Timer 1 on Floppy Disk Activity: 0 = Disable; 1 = Enable.
Any access to the floppy disk drive address ranges (listed below) reloads GP Timer 1.
Primary floppy disk: I/O Port 3F2h, 3F4h, 3F5h, and 3F7
Secondary floppy disk: I/O Port 372h, 373h, 375h, and 377h
The active floppy drive is configured via F0 Index 93h[7].
0
Re-trigger General Purpose Timer 1 on Primary Hard Disk Activity: 0 = Disable; 1 = Enable.
Any access to the primary hard disk drive address range selected in F0 Index 93h[5] reloads GP Timer 1.
F0 Index 8Ah
General Purpose Timer 2 Count Register (R/W)
Reset Value = 00h
7:0
General Purpose Timer 2 Count: This register holds the load value for GP Timer 2. This value can represent either an 8-
bit or 16-bit timer (configured in F0 Index 8Bh[5]). It is loaded into the timer when the timer is enabled (F0 Index 83h[1] = 1).
Once the timer is enabled and a transition occurs on GPIO7, the timer is re-loaded.
The timer is decremented with each clock of the configured timebase. Upon expiration of the timer, an SMI is generated and
the top level of status is F1BAR+Memory Offset 00h/02h[9] and the second level of status is reported in F1BAR+Memory
Offset 04h/06h[1]).
Once expired, this timer must be re-initialized by either disabling and enabling it, or writing a new count value here.
For GPIO7 to act as the reload for this timer, it must be enabled as such (F0 Index 8Bh[2]) and be configured as an input (F0
Index 90h[7]).
This timer’s timebase can be configured as 1 msec or 1 sec in F0 Index 8Bh[3].
F0 Index 8Bh
General Purpose Timer 2 Control Register (R/W)
Reset Value = 00h
7
Re-trigger General Purpose Timer 1 on Secondary Hard Disk Activity: 0 = Disable; 1 = Enable.
Any access to the secondary hard disk drive address range selected in F0 Index 93h[4] reloads GP Timer 1.
6
VGA Timer Base: Selects timebase for VGA Timer Register (F0 Index 8Eh). 0 = 1 ms; 1 = 32 µs.
5
General Purpose Timer 2 Shift: GP Timer 2 is treated as an 8-bit or 16-bit timer. 0 = 8-bit; 1 = 16-bit.
As an 8-bit timer, the count value is loaded into GP Timer 2 Count Register (F0 Index 8Ah).
As a 16-bit timer, the value loaded into GP Timer 2 Count Register is shifted left by eight bits, the lower eight bits become
zero, and this 16-bit value is used as the count for GP Timer 2.
4
General Purpose Timer 1 Shift: GP Timer 1 is treated as an 8-bit or 16-bit timer. 0 = 8-bit; 1 = 16-bit.
As an 8-bit timer, the count value is that loaded into GP Timer 1 Count Register (F0 Index 88h).
As a 16-bit timer, the value loaded into GP Timer 1 Count Register is shifted left by eight bit, the lower eight bits become
zero, and this 16-bit value is used as the count for GP Timer 1.
3
Timebase for General Purpose Timer 2: Selects timebase for GP Timer 2 (F0 Index 8Ah). 0 = 1 sec; 1 = 1 msec.
2
Re-trigger General Purpose Timer 2 on GPIO7 Pin Transition: A configured transition on the GPIO7 pin reloads GP
Timer 2 (F0 Index 8Ah). 0 = Disable; 1 = Enable.
F0 Index 92h[7] selects whether a rising- or a falling-edge transition acts as a reload. For GPIO7 to work here, it must first be
configured as an input (F0 Index 90h[7] = 0).
1:0
Reserved: Set to 0.
Table 3-28. General Purpose Timers and Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com