Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 65Page - National Semiconductor (TI) CS5530A Datasheet HTML 66Page - National Semiconductor (TI) CS5530A Datasheet HTML 67Page - National Semiconductor (TI) CS5530A Datasheet HTML 68Page - National Semiconductor (TI) CS5530A Datasheet HTML 69Page - National Semiconductor (TI) CS5530A Datasheet HTML 70Page - National Semiconductor (TI) CS5530A Datasheet HTML 71Page - National Semiconductor (TI) CS5530A Datasheet HTML 72Page - National Semiconductor (TI) CS5530A Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 259 page
background image
Revision 1.1
69
www.national.com
Functional Description (Continued)
Table 3-23. User Defined Device 1 (UDEF1) Idle Timer and Trap Related Registers
Bit
Description
F0 Index 81h
Power Management Enable Register 4 (R/W)
Reset Value = 00h
4
User Defined Device 1 (UDEF1) Idle Timer Enable: Load timer from UDEF1 Idle Timer Count Register (F0 Index A0h) and
generate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the programmed address range the timer is reloaded with the programmed count.
UDEF1 address programming is at F0 Index C0h (base address register) and CCh (control register).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
F0 Index 82h
Power Management Enable Register 3 (R/W)
Reset Value = 00h
4
User Defined Device 1 (UDEF1) Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the programmed address range an SMI is generated. UDEF1 address
programming is at F0 Index C0h (base address register), and CCh (control register).
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9].
Second level SMI status is reported at F1BAR+Memory Offset 04h/06h[2].
Index A0h-A1h
User Defined Device 1 Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
User Defined Device 1 (UDEF1) Idle Timer Count: The idle timer loaded from this register determines when the device
configured as UDEF1 is not in use so that it can be power managed. The 16-bit value programmed here represents the
period of inactivity for this device after which the system is alerted via an SMI. The timer is automatically reloaded with the
count value whenever an access occurs to memory or I/O address space configured at F0 Index C0h (base address regis-
ter) and F0 Index CCh (control register). The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[4] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[4].
F0 Index C0h-C3h
User Defined Device 1 Base Address Register (R/W)
Reset Value = 00000000h
31:0
User Defined Device 1 (UDEF1) Base Address [31:0]: This 32-bit register supports power management (trap and idle
timer resources) for a PCMCIA slot or some other device in the system. The value written is used as the address compara-
tor for the device trap/timer logic. The device can be memory or I/O mapped (configured in F0 Index CCh).
F0 Index CCh
User Defined Device 1 Control Register (R/W)
Reset Value = 00h
7
Memory or I/O Mapped: User Defined Device 1 is: 0 = I/O; 1 = Memory.
6:0
Mask
If bit 7 = 0 (I/O):
Bit 6
0 = Disable write cycle tracking
1 = Enable write cycle tracking
Bit 5
0 = Disable read cycle tracking
1 = Enable read cycle tracking
Bits 4:0
Mask for address bits A[4:0]
If bit 7 = 1 (M/IO):
Bits 6:0
Mask for address memory bits A[15:9] (512 bytes min. and 64 KB max.) and A[8:0] are ignored.
Note: A “1” in a mask bit means that the address bit is ignored for comparison.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com