Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 31Page - National Semiconductor (TI) CS5530A Datasheet HTML 32Page - National Semiconductor (TI) CS5530A Datasheet HTML 33Page - National Semiconductor (TI) CS5530A Datasheet HTML 34Page - National Semiconductor (TI) CS5530A Datasheet HTML 35Page - National Semiconductor (TI) CS5530A Datasheet HTML 36Page - National Semiconductor (TI) CS5530A Datasheet HTML 37Page - National Semiconductor (TI) CS5530A Datasheet HTML 38Page - National Semiconductor (TI) CS5530A Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 259 page
background image
Revision 1.1
35
www.national.com
Signal Definitions (Continued)
2.2.11 Display Interface
Signal Name
Pin
No.
Pin
Type
Description
Pixel Port
PCLK
A13
I
Pixel Clock
This clock is used to sample data on the PIXEL input port. It runs at the
graphics DOT clock (DCLK) rate.
PIXEL[23:0]
Refer
to
Table
2-3
I
Pixel Data Port
This is the input pixel data from the processor’s display controller. If
F4BAR+Memory Offset 00h[29] is reset, the data is sent in RGB 8:8:8 for-
mat. Otherwise, the pixel data is sent in RGB 5:6:5 format which has been
dithered by the processor. The other eight bits are used in conjunction with
VID_DATA[7:0] to provide 16-bit video data. This bus is sampled by the
PCLK input.
ENA_DISP
B1
I
Display Enable Input
This signal qualifies active data on the pixel input port. It is used to qualify
active pixel data for all display modes and configurations and is not specific
to flat panel display.
Display CRT
HSYNC
C6
I
Horizontal Sync Input
This is the CRT horizontal sync input from the processor’s display controller.
It is used to indicate the start of a new video line. This signal is pipelined for
the appropriate number of clock stages to remain in sync with the pixel data.
A separate output (HSYNC_OUT) is provided to re-drive the CRT and flat
panel interfaces.
HSYNC_OUT
N1
O
Horizontal Sync Output
This is the horizontal sync output to the CRT. It represents a delayed version
of the input horizontal sync signal with the appropriate pipeline delay relative
to the pixel data. The pipeline delay and polarity of this signal are program-
mable.
VSYNC
B5
I
Vertical Sync Input
This is the CRT vertical sync input from the processor’s display controller. It
is used to indicate the start of a new frame. This signal is pipelined for the
appropriate number of clock stages to remain in sync with the pixel data. A
separate output (VSYNC_OUT) is provided to re-drive the CRT and flat
panel interfaces.
VSYNC_OUT
N2
O
Vertical Sync Output
This is the vertical sync output to the CRT. It represents a delayed version of
the input vertical sync signal with the appropriate pipeline delay relative to
the pixel data. The pipeline delay and polarity of this signal are programma-
ble.
DDC_SCL
M2
O
DDC Serial Clock
This is the serial clock for the VESA Display Data Channel interface. It is
used for monitoring communications. The DDC2B standard is supported by
this interface.
DDC_SDA
M4
I/O
DDC Serial Data
This is the bidirectional serial data signal for the VESA Display Data Chan-
nel interface. It is used to monitor communications. The DDC2B standard is
supported by this interface.
The direction of this pin can be configured through F4BAR+Memory Offset
04h[24]: 0 = Input; 1 = Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com