Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 71Page - National Semiconductor (TI) CS5530A Datasheet HTML 72Page - National Semiconductor (TI) CS5530A Datasheet HTML 73Page - National Semiconductor (TI) CS5530A Datasheet HTML 74Page - National Semiconductor (TI) CS5530A Datasheet HTML 75Page - National Semiconductor (TI) CS5530A Datasheet HTML 76Page - National Semiconductor (TI) CS5530A Datasheet HTML 77Page - National Semiconductor (TI) CS5530A Datasheet HTML 78Page - National Semiconductor (TI) CS5530A Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 259 page
background image
Revision 1.1
75
www.national.com
Functional Description (Continued)
3.4.3.3
ACPI Timer Register
The ACPI Timer Count Register (F1BAR+Memory Offset
1Ch or a fixed I/O Port at 121Ch) provides the current value
of the ACPI timer. The timer counts at 14.31818/4 MHz
(3.579545 MHz). If SMI generation is enabled (F0 Index
83h[5] = 1), an SMI is generated when bit 23 toggles. Table
3-29 shows the ACPI Timer Count Register and the ACPI
Timer SMI enable bit.
V-ACPI I/O Register Space
The register space designated as V-ACPI (Virtualized
ACPI) I/O does not physically exist in the CS5530A. ACPI
is supported in the CS5530A by virtualizing this register
space. In order for ACPI to be supported, the V-ACPI mod-
ule must be included in the BIOS. The register descriptions
that follow are supplied here for reference only.
Fixed Feature space registers are required to be imple-
mented by all ACPI-compatible hardware. The Fixed Fea-
ture registers in the V-ACPI solution are mapped to normal
I/O space starting at Offset AC00h. However, the designer
can relocate this register space at compile time, hereafter
referred to as ACPI_BASE. Registers within the V-ACPI I/O
space must only be accessed on their defined boundaries.
For example, BYTE aligned registers must not be
accessed via WORD I/O instructions, WORD aligned regis-
ters must not be accessed as DWORD I/O instructions, etc.
Table3-29summarizesthe registersavailableinthe V-
ACPI I/O Register Space. The “Reference” column gives
the table and page number where the bit formats for the
registers are located.
Table 3-29. ACPI Timer Related Registers/Bits
Bit
Description
F1BAR+Memory Offset 1Ch-1Fh (Note)
ACPI Timer Count Register (RO)
Reset Value = 00FFFFFCh
ACPI_COUNT (Read Only): This read-only register provides the current value of the ACPI timer. The timer counts at 14.31818/4 MHz
(3.579545 MHz). If SMI generation is enabled via F0 Index 83h[5], an SMI is generated when the MSB toggles. The MSB toggles every
2.343 seconds.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[0].
31:24
Reserved: Always returns 0.
23:0
Counter
Note: The ACPI Timer Count Register is also accessible through I/O Port 121Ch.
F0 Index 83h
Power Management Enable Register 4 (R/W)
Reset Value = 00h
5
ACPI Timer SMI: Allow SMI generation for MSB toggles on the ACPI Timer (F1BAR+Memory Offset 1Ch or I/O Port
121Ch). 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[0].
Table 3-30. V-ACPI I/O Register Space Summary
ACPI_
BASE
Type
Align
Length
Name
Reset
Value
Reference
(Table 4-34)
00h-03h
R/W
4
4
P_CNT: Processor Control Register
00000000h
Page 229
04h
RO
1
1
P_LVL2: Enter C2 Power State Register
00h
Page 229
05h
--
1
1
Reserved
00h
Page 229
06h
R/W
1
1
SMI_CMD: OS/BIOS Requests Register (ACPI Enable/
Disable Port)
00h
Page 229
07h
--
1
1
Reserved
00h
Page 229
08h-09h
R/W
2
2
PM1A_STS: PM1A Status Register
0000h
Page 230
0Ah-0Bh
R/W
2
2
PM1A_EN: PM1A Enable Register
0000h
Page 230
0Ch-0Dh
R/W
4
2
PM1A_CNT: PM1A Control Register
0000h
Page 230
0Eh-0Fh
R/W
2
2
SETUP_IDX: Setup Index Register (V-ACPI internal index
register)
0000h
Page 230
10h-11h
R/W
2
2
GPE0_STS: General Purpose Event 0 Status Register
0000h
Page 231
12h-13h
R/W
2
2
GPE0_EN: General Purpose Event 0 Enable Register
0000h
Page 231
14h-17h
R/W
4
4
SETUP_DATA: Setup Data Register (V-ACPI internal data
register)
00000000h
Page 232
18h-1Fh
--
8
Reserved: For Future V-ACPI Implementations
--
Page 232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com