Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 36Page - National Semiconductor (TI) CS5530A Datasheet HTML 37Page - National Semiconductor (TI) CS5530A Datasheet HTML 38Page - National Semiconductor (TI) CS5530A Datasheet HTML 39Page - National Semiconductor (TI) CS5530A Datasheet HTML 40Page - National Semiconductor (TI) CS5530A Datasheet HTML 41Page - National Semiconductor (TI) CS5530A Datasheet HTML 42Page - National Semiconductor (TI) CS5530A Datasheet HTML 43Page - National Semiconductor (TI) CS5530A Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 259 page
background image
www.national.com
40
Revision 1.1
Signal Definitions (Continued)
2.2.13 Power, Ground, and No Connects
Signal Name
Pin No.
Pin
Type
Description
VDD
Refer to
Table 2-3
(Total of 17)
PWR
3.3V (nominal) Power Connection
Note that the USB power (VDD_USB, AVDD_USB) connections are
listed in Section 2.2.8 "USB Interface" on page 33.
VSS
Refer to
Table 2-3
(Total of 38)
GND
Ground Connection
Note that the USB ground (AVSS_USB) connection is listed in Section
2.2.8 "USB Interface" on page 33.
NC
Refer to
Table 2-3
(Total of 20)
--
No Connection
These lines should be left disconnected. Connecting a pull-up/-down
resistor or to an active signal could cause unexpected results and pos-
sible malfunctions.
2.2.14 Internal Test and Measurement
Signal Name
Pin
No.
Pin
Type
Description
TEST
D3
I
Test Mode
TEST should be tied low for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com