Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 44Page - National Semiconductor (TI) CS5530A Datasheet HTML 45Page - National Semiconductor (TI) CS5530A Datasheet HTML 46Page - National Semiconductor (TI) CS5530A Datasheet HTML 47Page - National Semiconductor (TI) CS5530A Datasheet HTML 48Page - National Semiconductor (TI) CS5530A Datasheet HTML 49Page - National Semiconductor (TI) CS5530A Datasheet HTML 50Page - National Semiconductor (TI) CS5530A Datasheet HTML 51Page - National Semiconductor (TI) CS5530A Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 259 page
background image
www.national.com
48
Revision 1.1
Functional Description (Continued)
3.2.3
Special Bus Cycles–Shutdown/Halt
The PCI interface does not pass Special Bus Cycles to the
ISA interface, since special cycles by definition have no
destination. However, the PCI interface monitors the PCI
bus for Shutdown and Halt Special Bus Cycles.
Upon detection of a Shutdown Special Bus Cycle, a
WM_RST SMI is generated after a delay of three PCI clock
cycles. PCI Shutdown Special Cycles are detected when
C/BE[3:0]# = 0001 during the address phase and AD[31:0]
= xxxx0000h during the data phase. C/BE[3:0]# are also
properly asserted during the data phase.
Upon detection of a Halt Special Bus Cycle, the CS5530A
completes the cycle by asserting TRDY#. PCI Halt Special
Bus Cycles are detected when CBE[3:0]# = 0001 during
the address phase and AD[31:0] = xxxx0001h during the
data phase of a Halt cycle. CBE[3:0]# are also properly
asserted during the data phase.
3.2.4
PCI Bus Parity
When the CS5530A is the PCI initiator, it generates
address parity for read and write cycles. It checks data par-
ity for read cycles and it generates data parity for write
cycles. The PAR signal is an even-parity bit that is calcu-
lated across 36 bits of AD[31:0] plus C/BE[3:0]#.
By default, the CS5530A does not report parity errors.
However, the CS5530A detects parity errors during the
data phase if F0 Index 04h[6] is set to 1. If enabled and a
data parity error is detected, the CS5530A asserts PERR#.
It also asserts SERR# if F0 Index 41h[5] is set to 1. This
allows NMI generation.
The CS5530A also detects parity errors during the address
phase if F0 Index 04h[6] is set. When parity errors are
detected during the address phase, SERR# is asserted
internally. Parity errors are reported to the CPU by enabling
the SERR# source in I/O Port 061h (Port B) control regis-
ter. The CS5530A sets the corresponding error bits in the
PCI Status Register (F0 Index 06h[15:14]). Table 3-5
shows these programming bits.
If the CS5530A is the PCI master for a cycle and detects
PERR# asserted, it generates SERR# internally.
Table 3-5. PERR#/SERR# Associated Register Bits
Bit
Description
F0 Index 04h-05h
PCI Command Register (R/W)
Reset Value = 000Fh
6
Parity Error: Allow the CS5530A to check for parity errors on PCI cycles for which it is a target, and to assert PERR# when
a parity error is detected. 0 = Disable (Default); 1 = Enable.
F0 Index 06h-07h
PCI Status Register (R/W)
Reset Value = 0280h
15
Detected Parity Error: This bit is set whenever a parity error is detected.
Write 1 to clear.
14
Signaled System Error: This bit is set whenever the CS5530A asserts SERR# active.
Write 1 to clear.
F0 Index 41h
PCI Function Control Register 2 (R/W)
Reset Value = 10h
5
PERR# Signals SERR#: Assert SERR# any time that PERR# is asserted or detected active by the CS5530A (allows
PERR# assertion to be cascaded to NMI (SMI) generation in the system). 0 = Disable; 1 = Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com