Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 45Page - National Semiconductor (TI) CS5530A Datasheet HTML 46Page - National Semiconductor (TI) CS5530A Datasheet HTML 47Page - National Semiconductor (TI) CS5530A Datasheet HTML 48Page - National Semiconductor (TI) CS5530A Datasheet HTML 49Page - National Semiconductor (TI) CS5530A Datasheet HTML 50Page - National Semiconductor (TI) CS5530A Datasheet HTML 51Page - National Semiconductor (TI) CS5530A Datasheet HTML 52Page - National Semiconductor (TI) CS5530A Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 259 page
background image
Revision 1.1
49
www.national.com
Functional Description (Continued)
3.2.5
PCI Interrupt Routing Support
The CS5530A allows the PCI interrupt signals INTA#,
INTB#, INTC#, and INTD# (also know in industry terms as
PIRQx#) to be mapped internally to any IRQ signal via reg-
ister programming (shown in Table 3-6). Further details are
supplied in Section 3.5.4.4 "PCI Compatible Interrupts" on
page 101 regarding edge/level sensitivity selection.
3.2.6
Delayed Transactions
The CS5530A supports delayed transactions to prevent
slow PCI cycles from occupying too much bandwidth and
allows access for other PCI traffic.
Note:
For systems whichhaveonlythe GX-seriespro-
cessor and CS5530A on the PCI bus, system per-
formance is improved if delayed transactions are
disabled.
F0 Index 42h[5] and F0 Index 43h[1] are used to program
this function. Table 3-7 shows these bit formats.
Table 3-6. PCI Interrupt Steering Registers
Bit
Description
F0 Index 5Ch
PCI Interrupt Steering Register 1 (R/W)
Reset Value = 00h
7:4
INTB# Target Interrupt: Selects target interrupt for INTB#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
3:0
INTA# Target Interrupt: Selects target interrupt for INTA#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
‘
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
Note: The target interrupt must first be configured as level sensitive via I/O Port 4D0h and 4D1h in order to maintain PCI interrupt
compatibility.
F0 Index 5Dh
PCI Interrupt Steering Register 2 (R/W)
Reset Value = 00h
7:4
INTD# Target Interrupt: Selects target interrupt for INTD#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
3:0
INTC# Target Interrupt: Selects target interrupt for INTC#.
0000 = Disable
0100 = IRQ4
1000 = RSVD
1100 = IRQ12
0001 = IRQ1
0101 = IRQ5
1001 = IRQ9
1101 = RSVD
0010 = RSVD
0110 = IRQ6
1010 = IRQ10
1110 = IRQ14
0011 = IRQ3
0111 = IRQ7
1011 = IRQ11
1111 = IRQ15
Note: The target interrupt must first be configured as level sensitive via I/O Port 4D0h and 4D1h in order to maintain PCI interrupt
compatibility.
Table 3-7. Delay Transaction Programming Bits
Bit
Description
F0 Index 42h
PCI Function Control Register 3 (R/W)
Reset Value = ACh
5
Delayed Transactions: Allow delayed transactions on the PCI bus. 0 = Disable; 1 = Enable.
Also see F0 Index 43h[1].
F0 Index 43h
USB Shadow Register (R/W)
Reset Value = 03h
1
PCI Retry Cycles: When the CS5530A is a PCI target and the PCI buffer is not empty, allow the PCI bus to retry cycles.
0 = Disable; 1 = Enable.
This bit works in conjunction with PCI bus delayed transactions bit. F0 Index 42h[5] must = 1 for this bit to be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com