Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 75Page - National Semiconductor (TI) CS5530A Datasheet HTML 76Page - National Semiconductor (TI) CS5530A Datasheet HTML 77Page - National Semiconductor (TI) CS5530A Datasheet HTML 78Page - National Semiconductor (TI) CS5530A Datasheet HTML 79Page - National Semiconductor (TI) CS5530A Datasheet HTML 80Page - National Semiconductor (TI) CS5530A Datasheet HTML 81Page - National Semiconductor (TI) CS5530A Datasheet HTML 82Page - National Semiconductor (TI) CS5530A Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 259 page
background image
Revision 1.1
79
www.national.com
Functional Description (Continued)
Figure 3-7 shows an example SMI tree for checking and
clearing the source of general purpose timer and the user
defined trap generated SMIs.
Table 3-33 on page 80 shows the bit formats of the read to
clear Top Level SMI Status Register (F1BAR+Memory Off-
set02h). Table3-34startingonpage81shows the bit for-
mats of the read to clear second level SMI status registers.
For information regarding the location of the corresponding
mirror register, refer to the note in the footer of the register
description.
Keep in mind, all SMI sources in the CS5530A are reported
into the Top Level SMI Status Registers (F1BAR+Memory
Offset 00h/02h); however, this discussion is regarding
power management SMIs. For details regarding audio SMI
events/reporting, refer to Section 3.7.2.2 "Audio SMI
Related Registers" on page 123.
Figure 3-7. General Purpose Timer and UDEF Trap SMI Tree Example
SMI# Asserted
SMM software reads SMI Header
If Bit X = 0
(Internal SMI)
If Bit X = 1
(External SMI)
Call internal SMI handler
to take appropriate action
Geode™ CS5530A
F1BAR+Memory
Read to Clear
to determine
top-level source
of SMI
F1BAR+Memory
Offset 06h
Read to Clear
Bits [15:10]
Bits [8:0]
Bit 9
GTMR_TRP_SMI
Offset 02h
Geode™
to determine
second-level
source of SMI
Bit 5
PCI_TRP_SMI
Bit 4
UDEF3_TRP_SMI
Bit 3
UDEF2_TRP_SMI
Bit 2
UDEF1_TRP_SMI
Bit 1
GPT2_SMI
Bit 0
GPT1_SMI
Take
Appropriate
Action
Other_SMI
Other_SMI
If bit 9 = 1,
Source of SMI
is GP Timer or UDEF Trap
Bits 15:6
RSVD
Top Level
Second Level
SMI Deasserted after all SMI Sources are Cleared
(i.e., Top and Second Levels - note some sources may have a Third Level)
GX-Series
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com