Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 86Page - National Semiconductor (TI) CS5530A Datasheet HTML 87Page - National Semiconductor (TI) CS5530A Datasheet HTML 88Page - National Semiconductor (TI) CS5530A Datasheet HTML 89Page - National Semiconductor (TI) CS5530A Datasheet HTML 90Page - National Semiconductor (TI) CS5530A Datasheet HTML 91Page - National Semiconductor (TI) CS5530A Datasheet HTML 92Page - National Semiconductor (TI) CS5530A Datasheet HTML 93Page - National Semiconductor (TI) CS5530A Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 259 page
background image
www.national.com
90
Revision 1.1
Functional Description (Continued)
3.5.2.2
Limited ISA and ISA Master Modes
The CS5530A supports two modes on the ISA interface.
The default mode of the ISA bus is a fully functional ISA
mode, but it does not support ISA masters, as shown in
Figure 3-10 "Limited ISA Mode". When in this mode, the
address and data buses are multiplexed together, requiring
an external latch to latch the lower 16 bits of address of the
ISA cycle. The signal SA_LATCH is generated when the
data on the SA/SD bus is a valid address. Additionally, the
upper four address bits, SA[23:20], are multiplexed on
GPIO[7:4].
The second mode of the ISA interface supports ISA bus
masters, as shown in Figure 3-11. When the CS5530A is
placed in the ISA Master mode, a large number of pins are
redefined as shown in Table 3-37.
In this mode of operation, the CS5530A cannot support
TFT flat panels or TV controllers, since most of the signals
used to support these functions have been redefined. This
mode is required if ISA slots or ISA masters are used. ISA
master cycles are only passed to the PCI bus if they
access memory. I/O accesses are left to complete on the
ISA bus.
The mode of operation is selected by the strapping of pin
P26 (INTR):
• ISA Limited Mode — Strap pin P26 (INTR) low through a
10-kohm resistor.
• ISA Master Mode — Strap pin P26 (INTR) high through
a 10-kohm resistor.
F0 Index 44h[7] (bit details on page 156) reports the strap
valueofthe INTR pin(pinP26)duringPOR:0 = ISA Lim-
ited; 1 = ISA Master.
This bit can be written after POR# deassertion to change
the ISA mode selected. Writing to this bit is not recom-
mended due to the actual strapping done on the board.
ISA memory and ISA refresh cycles are not supported by
the CS5530A,
although, the refresh toggle bit in I/O Port
061h still exists for software compatibility reasons.
Note:
If Limited ISA Mode of operation has been
selected, SMEMW# and SMEMR# can be output
on these pins by programming F0 Index 53[2] = 0
(bit details on page 157).
Table 3-37. Signal Assignments
Pin No.
Limited ISA Mode
ISA Master
Mode
AD15
SA_LATCH
SA_DIR
AE25, AD24,
AE22, AE21,
AF21, AC20,
AD19, AF19,
AF4, AF5,
AD5, AF6,
AC6, AD9,
AE6, AE9
SA[15:0]/SD[15:0]
SD[15:0]
H2, K1, K2,
L1, D1, E2,
F1, G1, G3,
G4, G2, H1,
J1,J3, J2,K3
FP_DATA[15:0]
SA[15:0]
H3
FP_DATA[16]
SA_OE#
F3
FP_DATA[17]
MASTER#
E1
FP_HSYNC_OUT
SMEMW#
E3
FP_VSYNC_OUT
SMEMR#
AF3 (Note)
SMEMW#
RTCCS#
AD4 (Note)SMEMR#
RTCALE
AF23, AE23,
AC21, AD22
GPIO[7:4]
SA[23:20]
SA[23:20]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com