Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 60Page - National Semiconductor (TI) CS5530A Datasheet HTML 61Page - National Semiconductor (TI) CS5530A Datasheet HTML 62Page - National Semiconductor (TI) CS5530A Datasheet HTML 63Page - National Semiconductor (TI) CS5530A Datasheet HTML 64Page - National Semiconductor (TI) CS5530A Datasheet HTML 65Page - National Semiconductor (TI) CS5530A Datasheet HTML 66Page - National Semiconductor (TI) CS5530A Datasheet HTML 67Page - National Semiconductor (TI) CS5530A Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 259 page
background image
www.national.com
64
Revision 1.1
Functional Description (Continued)
Table 3-18. Keyboard/Mouse Idle Timer and Trap Related Registers
Bit
Description
F0 Index 81h
Power Management Enable Register 2 (R/W)
Reset Value = 00h
3
Keyboard/Mouse Idle Timer Enable: Load timer from Keyboard/Mouse Idle Timer Count Register (F0 Index 9Eh) and gen-
erate an SMI when the timer expires. 0 = Disable; 1 = Enable.
If an access occurs in the address ranges (listed below) the timer is reloaded with the programmed count.
Keyboard Controller: I/O Ports 060h/064h
COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included)
COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included)
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].
F0 Index 82h
Power Management Enable Register 3 (R/W)
Reset Value = 00h
3
Keyboard/Mouse Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs in the address ranges (listed below) an SMI is generated.
Keyboard Controller: I/O Ports 060h/064h
COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included)
COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included)
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[3].
F0 Index 93h
Miscellaneous Device Control Register (R/W)
Reset Value = 00h
1
Mouse on Serial Enable: Mouse is present on a serial port. 0 = No; 1 = Yes. (Note)
0
Mouse Port Select: Selects which serial port the mouse is attached to. 0 = COM1; 1 = COM2. (Note)
Note: Bits 1 and 0 - If a mouse is attached to a serial port (bit 1 = 1), that port is removed from the serial device list being used to
monitor serial port access for power management purposes and added to the keyboard/mouse decode. This is done because a
mouse, along with the keyboard, is considered an input device and is used only to determine when to blank the screen.
These bits determine the decode used for the Keyboard/Mouse Idle Timer Count Register (F0 Index 9Eh) as well as the Paral-
lel/Serial Port Idle Timer Count Register (F0 Index 9Ch).
F0 Index 9Eh-9Fh
Keyboard / Mouse Idle Timer Count Register (R/W)
Reset Value = 0000h
15:0
Keyboard / Mouse Idle Timer Count: The idle timer loaded from this register determines when the keyboard and mouse
are not in use so that the LCD screen can be blanked. The 16-bit value programmed here represents the period of inactivity
for these ports after which the system is alerted via an SMI. The timer is automatically reloaded with the count value when-
ever an access occurs to either the keyboard or mouse I/O address spaces, including the mouse serial port address space
when a mouse is enabled on a serial port. The timer uses a 1 second timebase.
To enable this timer set F0 Index 81h[3] = 1.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com