Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 12Page - OKI electronic componets ML9092-01TB Datasheet HTML 13Page - OKI electronic componets ML9092-01TB Datasheet HTML 14Page - OKI electronic componets ML9092-01TB Datasheet HTML 15Page - OKI electronic componets ML9092-01TB Datasheet HTML 16Page - OKI electronic componets ML9092-01TB Datasheet HTML 17Page - OKI electronic componets ML9092-01TB Datasheet HTML 18Page - OKI electronic componets ML9092-01TB Datasheet HTML 19Page - OKI electronic componets ML9092-01TB Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
16/66
• R0/C0 to R4/C4 (ML9092-01), R0 to R5 (ML9092-02/03), R0 to R4 (ML9092-04)
Key switch scan signal output pins. During the scan operation, “L” level signals are output in the order of R0/C0,
R1/C1, ..., R4/C4 (ML9092-01) or R0, R1, ..., R5 (ML9092-02/03) or R0, R1, ..., R4 (ML9092-04). (Refer to the
description under the heading “Key scan” for details.) For the ML9092-01, R0 to R4 can be used as the output
ports for the general-purpose port C depending on the input signal to the KPS pin.
• C0/D0 to C4/D4 (ML9092-01), C0 to C3 (ML9092-02/03), C0 to C4 (ML9092-04)
Input pins that detect the key switch status. Pull-up resistors and a Schmitt circuit are internally connected to these
pins.
Assemble a key matrix between these pins and the R0/C0 to R4/C4 (ML9092-01) or R0 to R5
(ML9092-02/03) or R0 to R4 (ML9092-04) pins. For the ML9092-01, C0 to C4 can be used as the output ports for
the general-purpose port D depending on the input signal to the KPS pin.
• KPS
Input pin that selects whether the R0/C0 to R4/C4 pins and C0/D0 to C4/D4 pins are used to detect the key switch
status or whether they are used as the output pins for the general-purpose ports C and D. When this pin is pulled to
a “H” level, the R0/C0 to R4/C4 pins and C0/D0 to C4/D4 pins function as pins that detect the key switch status.
When this pin is pulled to a “L” level, it functions as the output pin for the general-purpose ports C and D. This pin
must be fixed at either a “H” or “L” level.
This pin is provided only for the ML9092-01.
• A, B
Input pins for encoder format rotary switches. A Schmitt circuit is internally connected to these pins. When
turning the rotary switch clockwise, input to the A pin a signal more advancing in phase than the B pin. When
turning the rotary switch counterclockwise, input to the B pin a signal more advancing in phase than the A pin.
• PA0
General-purpose port A output pin. This pin can output a current of –15 mA. If this pin is used to drive an LED,
insert an external current limiting resistor in series with the LED. If this pin is not used, leave it unconnected
(open).
• PB0 to PB2
Port B pins, which are used for PWM outputs. These pins are provided for the ML9092-01/04. Any pins not to be
used should be left unconnected (open).
• SEG1 to SEG60(56)
Segment signal output pins for LCD driving. Any pins not to be used should be left unconnected (open). For the
ML9092-01, only SEG1 to SEG56 apply.
• COM1 to COM10
Common signal output pins for LCD driving. Any pins not to be used should be left unconnected (open).
• V
DD
Logic power supply connection pin.
• V
SS
Power supply GND connection pin.
• V
IN
Voltage doubler reference voltage input pin. A voltage twice that which is input to this pin is output to the VOUT
pin. When the voltage doubler is not used, connect this pin to GND.
This pin is provided for the ML9092-01/02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com