Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 23 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 23 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 19Page - OKI electronic componets ML9092-01TB Datasheet HTML 20Page - OKI electronic componets ML9092-01TB Datasheet HTML 21Page - OKI electronic componets ML9092-01TB Datasheet HTML 22Page - OKI electronic componets ML9092-01TB Datasheet HTML 23Page - OKI electronic componets ML9092-01TB Datasheet HTML 24Page - OKI electronic componets ML9092-01TB Datasheet HTML 25Page - OKI electronic componets ML9092-01TB Datasheet HTML 26Page - OKI electronic componets ML9092-01TB Datasheet HTML 27Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
23/66
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
Pins
Voltage doubler
Voltage
VDB
External clock = 210 kHz
VIN = 0.8 VDD to VDD
(*1)
VIN × 1.9 – 0.5
9.8
*3
VIN × 2
V
VOUT
VLCDMAX
VDD = 5 V, VOUT = 10 V
(Voltage doubler not
operating, but voltage
applied externally)
Contrast data = FH,
No load
9.5
9.8
10
V
LCD driving
voltage when
internal variable
resistor is used
VLCDMIN
VDD = 5 V, VOUT = 10 V
(Voltage doubler not
operating, but voltage
applied externally)
Contrast data = 0H,
No load
6.7
7
7.3
V
V0 – VSS
LCD Driving
Bias Resistance
LBR
(*2)
5
9
14
k
Ω
V0 – Vss
*1
Refer to the Voltage Doubler Voltage Measuring Circuit.
*3
VIN = 5 V, Ta = 25°C
*2
LBR
LBR
V0
V2
V1
VSS
LBR
LBR
V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com