Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 54 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 54 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 50Page - OKI electronic componets ML9092-01TB Datasheet HTML 51Page - OKI electronic componets ML9092-01TB Datasheet HTML 52Page - OKI electronic componets ML9092-01TB Datasheet HTML 53Page - OKI electronic componets ML9092-01TB Datasheet HTML 54Page - OKI electronic componets ML9092-01TB Datasheet HTML 55Page - OKI electronic componets ML9092-01TB Datasheet HTML 56Page - OKI electronic componets ML9092-01TB Datasheet HTML 57Page - OKI electronic componets ML9092-01TB Datasheet HTML 58Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
54/66
• PWM0/1/2 register (PWMR) set
D7
D6
D5
D4
D3
D2
D1
D0
PWx7
PWx6
PWx5
PWx4
PWx3
PWx2
PWx1
PWx0
Note: “x” stands for 0 for PB0 (port B0), 1 for PB1 (port B1) and 2 for PB2 (port B2).
This instruction sets the pulse width of the PWM signal output from port B. (Applies to ML9092-01/04.)
PWx0 is LSB and PWx7 is MSB.
This instruction should be used with a PWM data write cycle of 5.0 ms or longer.
These bits are all reset to “0” if the
RESET pin is pulled to a “L” level.
Note: When inputting multiple PWM data items, be sure to input them in succession (i.e., without intervals).
PWxn = 00 H (0/255)
Fixed at “H”
State at the time of reset
PWxn = 01 H (1/255)
PWxn = 02 H (2/255)
PWxn = 03 H (3/255)
PWxn = FE H (254/255)
PWxn = FF H (255/255)
Fixed at “H”
• Test register (TEST) set
D7
D6
D5
D4
D3
D2
D1
D0
—
—
—
—
T4
T3
T2
T1
—: don’t care
This instruction is for testing by the manufacturer.
Customers should not use this register.
Figure 9 PWM Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com