Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 37 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 37 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 33Page - OKI electronic componets ML9092-01TB Datasheet HTML 34Page - OKI electronic componets ML9092-01TB Datasheet HTML 35Page - OKI electronic componets ML9092-01TB Datasheet HTML 36Page - OKI electronic componets ML9092-01TB Datasheet HTML 37Page - OKI electronic componets ML9092-01TB Datasheet HTML 38Page - OKI electronic componets ML9092-01TB Datasheet HTML 39Page - OKI electronic componets ML9092-01TB Datasheet HTML 40Page - OKI electronic componets ML9092-01TB Datasheet HTML 41Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
37/66
Power-On Reset
The capacitance of an external capacitor that is connected to the
RESET pin must be C
RST [µF] ≥ 12.5 × TR [s],
where TR is the rise time taken until the power supply voltage to be supplied to the ML9092-01/02/03/04 reaches
0.9VDD (4.5 V) from 0.1VDD, and CRST is the capacitance of an external capacitor connected to the RESET pin.
(For example, if TR = 10 [ms], then CRST ≥ 0.125 [µF])
The pulse width when an external reset signal is input should be TR or more.
Set an instruction at least 10
µs after the reset signal reaches 0.85V
DD or more.
Thereafter, this IC is accessible.
TR
0.1VDD
VDD
0.9VDD
(4.5 V)
Recommended power supply
voltage (5 V)
0.85VDD
RESET
10
µs or more
Accessible time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com