Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 26 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 26 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 22Page - OKI electronic componets ML9092-01TB Datasheet HTML 23Page - OKI electronic componets ML9092-01TB Datasheet HTML 24Page - OKI electronic componets ML9092-01TB Datasheet HTML 25Page - OKI electronic componets ML9092-01TB Datasheet HTML 26Page - OKI electronic componets ML9092-01TB Datasheet HTML 27Page - OKI electronic componets ML9092-01TB Datasheet HTML 28Page - OKI electronic componets ML9092-01TB Datasheet HTML 29Page - OKI electronic componets ML9092-01TB Datasheet HTML 30Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
26/66
Current Measuring Circuit 6
*2: For ML9092-03, these are C0–C3 and R0–R5; PB0–PB2 are not provided.
For ML9092-04, these are C0–C4 and R0–R4; PB0–PB2 are provided.
5.5 V
VSS
TEST
PA0
SEG1–SEG60
COM1–COM10
*2
OPEN
VDD
CS
CP
DI/O
OSC2
OSC1
RESET
VDD
OPEN
OPEN
IDD5
R = 56 k
Ω
±2%
VDD
VHIN
VO
A
V2
V1
V3
OPEN
OPEN
A
B
C0–C3
R0–R5
KREQ
OPEN
(C0–C4)
(R0–R4)
PB0–PB2
OPEN
External LCD voltage applied
(Internal oscillation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com