Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 48 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 48 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 44Page - OKI electronic componets ML9092-01TB Datasheet HTML 45Page - OKI electronic componets ML9092-01TB Datasheet HTML 46Page - OKI electronic componets ML9092-01TB Datasheet HTML 47Page - OKI electronic componets ML9092-01TB Datasheet HTML 48Page - OKI electronic componets ML9092-01TB Datasheet HTML 49Page - OKI electronic componets ML9092-01TB Datasheet HTML 50Page - OKI electronic componets ML9092-01TB Datasheet HTML 51Page - OKI electronic componets ML9092-01TB Datasheet HTML 52Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
48/66
(7) D1, D0 (DTY1, DTY0) (Display duty select bits)
These bits select the display duty. The correspondence between each bit and display duty is shown in the chart
below. These bits are reset to “0” if the
RESET pin is pulled to a “L” level.
DTY1
DTY0
Display duty
0
0
1/8
0
1
1/9
1
0
1/10
1
1
1/10
• Control register 2 (FCR2)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
STB
DISP
(1) D1 (STB) (Standby mode select bit)
This bit is used to control the standby and normal modes. (Applies to ML9092-03/04.)
1: Standby mode
0: Normal mode
This bit is reset to “0” if the
RESET pin is pulled to a “L” level.
The LSI internal status and pin status during standby mode are as follows:
- RAM data is retained.
- Common output and segment output are VSS level.
- Electronic volume values are retained.
- Port output A is at a “L” level (applies to ML9092-03/04). The status before standby is maintained for port
output B (applies to ML9092-04).
- RC oscillation is stopped. (Oscillation is started with key input, maintained while the KREQ output is at a “H”
level, and stopped when all key switches are turned off and the KREQ output is at a “L” level.)
- Rotary encoder input signals (A and B) are ignored.
- Key input allowed.
- The microcontroller interface (CS, CP, DI/O, KREQ) is operable. (However, only with a KREQ signal from the
key scan, will the KREQ pin output a “H” level.)
- VHIN and VO should be set to VSS or the floating status.
Note: When there is a key input in a standby state, this IC will start oscillating and KREQ output will go to a “H”
level. Execute key scan reading periodically during this “H” level period. Also, execute key scan reading when
the KREQ signal changes from a “H” to “L” level.
(2) D0 (DISP) (Display ON/OFF mode bit)
1: Display ON mode
0: Display OFF mode
This bit selects whether the display is ON or OFF. Writing a “1” to this bit selects the display ON mode. Writing
a “0” to this bit selects the display OFF mode. At this time, the COM and SEG pins will be at the VSS level. Even
if this bit is set to “0”, the display RAM contents will not change. If the
RESET pin is pulled to a “L” level, this
register is reset to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com