Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 27 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 27 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 23Page - OKI electronic componets ML9092-01TB Datasheet HTML 24Page - OKI electronic componets ML9092-01TB Datasheet HTML 25Page - OKI electronic componets ML9092-01TB Datasheet HTML 26Page - OKI electronic componets ML9092-01TB Datasheet HTML 27Page - OKI electronic componets ML9092-01TB Datasheet HTML 28Page - OKI electronic componets ML9092-01TB Datasheet HTML 29Page - OKI electronic componets ML9092-01TB Datasheet HTML 30Page - OKI electronic componets ML9092-01TB Datasheet HTML 31Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
27/66
Switching Characteristics
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
CP Clock Cycle Time
tSYS
—
500
—
ns
CP “H” Pulse Width
tWH
—
200
—
ns
CP “L” Pulse Width
tWL
—
200
—
ns
CS “H” Pulse Width
tWCH
—
100
—
ns
CP Clock Rise/fall Time
tr, tf
—
—
50
ns
CS Setup Time
tCSU
—
30
—
ns
CS Hold Time
tCHD
—
150
—
ns
DI/O Setup Time
tDSU
—
50
—
ns
DI/O Hold Time
tDHD
—
50
—
ns
DI/O Output Delay Time
tDOD
CL = 50 pF
—
100
ns
DI/O Output OFF Delay Time
tDOFF
CL = 50 pF
—
100
ns
RESET Pulse Width
tWRE
—
2
—
µs
External Clock Cycle Time
tSES
—
1612
3389
ns
External Clock “H” Pulse Width
tWEH
—
645
—
ns
External Clock “L” Pulse Width
tWEL
—
645
—
ns
External Clock Rise/fall Time
trE, tfE
—
—
50
ns
Key Scan Characteristics
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85°C)
Register
setting
Oscillation frequency
Parameter
Symbol
KT
Dividing ratio
210 kHz
306kHz
445 kHz
Unit
0
1/1536
7.3
5.0
3.5
Key Scan Period
Tscn
1
1/3072
14.6
10.0
6.9
ms
Frame Frequency, PWM Frequency, and Voltage Doubler Frequency Characteristics
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85°C)
Oscillation frequency
Model
Parameter
Symbol
Display duty
Dividing ratio
210 kHz
306 kHz
445 kHz
Unit
1/8
1/2560
82
120
174
1/9
1/2520
83
121
177
ML9092-
01/02/03/04
Frame
Frequency
FRM
1/10
1/2560
82
120
174
ML9092-
01/04
PWM
Frequency
PWM
—
1/1020
205
300
436
ML9092-
01/02
Voltage
Doubler
Frequency
—
—
1/64
3281
4781
6953
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com