Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 38 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 38 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 34Page - OKI electronic componets ML9092-01TB Datasheet HTML 35Page - OKI electronic componets ML9092-01TB Datasheet HTML 36Page - OKI electronic componets ML9092-01TB Datasheet HTML 37Page - OKI electronic componets ML9092-01TB Datasheet HTML 38Page - OKI electronic componets ML9092-01TB Datasheet HTML 39Page - OKI electronic componets ML9092-01TB Datasheet HTML 40Page - OKI electronic componets ML9092-01TB Datasheet HTML 41Page - OKI electronic componets ML9092-01TB Datasheet HTML 42Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
38/66
Serial Interface Operation
• Instruction code
A register that transfers display data, key scan data, etc. according to the content of the instruction code is selected
(see below).
D7
D6
D5
D4
D3
D2
D1
D0
“1”
“1”
R/W
Register number
(1) D7, D6 (fixed at “1”)
When selecting the start byte register, always write a “1” to bits D7 and D6.
(2) D5 (R/W) (Read mode/write mode select bit)
1: Read mode is selected
0: Write mode is selected
(3) D4 to D0 (Register number)
The correspondence between the start byte contents and the registers and display data RAM is shown in the table
below.
D7
D6
D5
D4
D3
D2
D1
D0
Register name
1
1
0
1
0
0
0
0
Key scan register
1
1
1
1/0
0
0
0
1
Display data RAM
1
1
0
0
0
0
1
0
X address register
1
1
0
0
0
0
1
1
Y address register
1
1
0
0
0
1
0
0
Port A register
1
1
0
0
0
1
0
1
Port B register
1
1
0
0
0
1
1
0
Port C register
1
1
0
0
0
1
1
1
Port D register
1
1
0
0
1
0
0
0
Control register1
1
1
0
0
1
0
0
1
Control register 2
1
1
1
0
1
0
1
0
Rotary encoder register
1
1
0
0
1
0
1
1
Contrast ADJ register
1
1
0
0
1
1
0
0
PWM0 register
1
1
0
0
1
1
0
1
PWM1 register
1
1
0
0
1
1
1
0
PWM2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com