Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 22 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 22 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 18Page - OKI electronic componets ML9092-01TB Datasheet HTML 19Page - OKI electronic componets ML9092-01TB Datasheet HTML 20Page - OKI electronic componets ML9092-01TB Datasheet HTML 21Page - OKI electronic componets ML9092-01TB Datasheet HTML 22Page - OKI electronic componets ML9092-01TB Datasheet HTML 23Page - OKI electronic componets ML9092-01TB Datasheet HTML 24Page - OKI electronic componets ML9092-01TB Datasheet HTML 25Page - OKI electronic componets ML9092-01TB Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
22/66
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
Pins
VOS0
IO = –10 µA
V0 – 0.6
—
—
V
VOS1
IO = ±10 µA
2/4V0 – 0.6
—
2/4V0 + 0.6
V
VOS2
IO = ±10 µA
2/4V0 – 0.6
—
2/4V0 + 0.6
V
Segment Output
Voltage 2
(1/5 bias)
VOS3
IO = +10 µA
—
—
VSS + 0.6
V
SEG1–SEG56
(SEG60 for
ML9092-02/03
/04)
VOC0
IO = –10 µA
V0 – 0.3
—
—
V
VOC1
IO = ±10 µA
3/4V0 – 0.3
—
3/4V0 + 0.3
V
VOC2
IO = ±10 µA
1/4V0 – 0.3
—
1/4V0 + 0.3
V
Common Output
Voltage 1
(1/4 bias)
VOC3
IO = +10 µA
—
—
VSS + 0.3
V
COM1–
COM10
Supply Current 1
(Applies to
ML9092-01/02)
IDD1
R = 56 k
Ω
Voltage doubler operating,
No load
*1
—
—
0.6
mA
VDD
Supply Current 2
(Applies to
ML9092-01/02)
IDD2
External clock = 445 kHz
Voltage doubler operating,
No load
*2
—
—
0.6
mA
VDD
Supply Current 3
(Applies to
ML9092-01/02)
IVIN
External clock = 445 kHz
Voltage doubler operating,
No load
*2
—
—
2
mA
VIN
Supply Current 4
(Applies to
ML9092-01/02)
IVHIN1
External clock = 445 kHz
Voltage doubler not operating,
No load
*3
—
—
1
mA
VOUT
Supply Current 5
(Applies to
ML9092-03/04)
IDD3
R = 56 k
Ω
No load
*4
—
—
0.6
mA
VDD
Supply Current 6
(Applies to
ML9092-03/04)
IDD4
External clock = 445 kHz
No load
*5
—
—
0.6
mA
VDD
Supply Current 7
(Applies to
ML9092-03/04)
IVHIN2
External clock = 445 kHz
No load
*5
—
—
1
mA
VHIN
Supply Current 8
(Applies to
ML9092-03/04)
IDD5
R = 56 k
Ω
Voltage doubler not operating,
No load
*6
—
—
100
µA
VDD
*1:
Refer to the Current Measuring Circuit 1.
*2:
Refer to the Current Measuring Circuit 2.
*3:
Refer to the Current Measuring Circuit 3.
*4:
Refer to the Current Measuring Circuit 4.
*5:
Refer to the Current Measuring Circuit 5.
*6:
Refer to the Current Measuring Circuit 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com