Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 61 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 61 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 57Page - OKI electronic componets ML9092-01TB Datasheet HTML 58Page - OKI electronic componets ML9092-01TB Datasheet HTML 59Page - OKI electronic componets ML9092-01TB Datasheet HTML 60Page - OKI electronic componets ML9092-01TB Datasheet HTML 61Page - OKI electronic componets ML9092-01TB Datasheet HTML 62Page - OKI electronic componets ML9092-01TB Datasheet HTML 63Page - OKI electronic componets ML9092-01TB Datasheet HTML 64Page - OKI electronic componets ML9092-01TB Datasheet HTML 65Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
61/66
Power-On Flowchart
Start
Make a setting for control register 1
Displaying of initial screen started
Setting complete
No
Yes
Is input of initial
screen data
complete ?
External reset or power-on reset
Make a setting for INC, WLS, KT, SHL, BE,
PE, DTY1, and DTY0.
Make a setting for port register A, port
register B, port register C, port register D, and
display data RAM according to specifications.
Turn on VDD
Turn on VIN
Input reset signal
Make a setting for registers
Wait till the liquid crystal driving
voltage stabilization time is reached
Set DISP of control register 2 to
“1”
Wait till the VOUT voltage stabilizes when the
voltage doubler is used.
Power-Off Flowchart
LCD driving state
Turn off VIN
Turn off VDD
[Caution]
• The lines between output pins, and between output pins and other pins (input pins, I/O pins or power supply
pins), should not be short circuited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com