Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 55 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 55 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 51Page - OKI electronic componets ML9092-01TB Datasheet HTML 52Page - OKI electronic componets ML9092-01TB Datasheet HTML 53Page - OKI electronic componets ML9092-01TB Datasheet HTML 54Page - OKI electronic componets ML9092-01TB Datasheet HTML 55Page - OKI electronic componets ML9092-01TB Datasheet HTML 56Page - OKI electronic componets ML9092-01TB Datasheet HTML 57Page - OKI electronic componets ML9092-01TB Datasheet HTML 58Page - OKI electronic componets ML9092-01TB Datasheet HTML 59Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
55/66
Display Screen and Memory Address Allocation
The ML9092-01/02/03/04 has an internal display data RAM (60 bits by 10 bits) of a bitmap type.
The allocation of memory addresses varies according to the selected word length (6 bits or 8 bits) as shown in
Figure 10: 0 to 7 for selection of 8 bits per word or 0 to 9 for selection of 6 bits per word.
The X address 7 in the 6-bits/word mode has four display memory bits. The four bits (D7 to D4) starting from bit
D7 of the display data register are written in memory and the other bits (D3 to D0) are ignored.
Address Allocation in the 8-bits/word mode
Address Allocation in the 6-bits/word mode
0
1
2
7
0
1
9
(X address)
(D7)
(D0)
(8 bits)
(D7)
(D4)
(4 bits)
0
1
2
9
0
1
9
(X address)
(D5)
(D0)
(6 bits)
Figure 10 Display Memory Addresses
In the 8-bits/word mode, data to be displayed is written in display memory with the D7 data of the display data
register at address (Xn, Yn) and the D0 data at address (Xn + 7, Yn). Similarly, In the 6-bits/word mode, data to be
displayed is written in display memory with the D5 data of the display data register at address (Xn, Yn) and the D0
data at address (Xn + 5, Yn). See Figure 11.
Data “1” in display memory represents turning on the corresponding display segment and data “0” in display
memory represents turning off the corresponding display segment.
Note: In the ML9092-01, the X address range in the 8-bits/mode will be 0 to 6
0
0
0
0
11
1
1
1
Y line
Y0
Y1
Y9
Common
output
(COM1)
(COM2)
(COM10)
RAM for 60 dots by 10 dots display
(D7)
(D5)
(D0) For 8 bits per word
(D0) For 6 bits per word
Figure 11 Display Screen Bit Allocation and Memory Addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com