Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 36 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 36 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 32Page - OKI electronic componets ML9092-01TB Datasheet HTML 33Page - OKI electronic componets ML9092-01TB Datasheet HTML 34Page - OKI electronic componets ML9092-01TB Datasheet HTML 35Page - OKI electronic componets ML9092-01TB Datasheet HTML 36Page - OKI electronic componets ML9092-01TB Datasheet HTML 37Page - OKI electronic componets ML9092-01TB Datasheet HTML 38Page - OKI electronic componets ML9092-01TB Datasheet HTML 39Page - OKI electronic componets ML9092-01TB Datasheet HTML 40Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
36/66
Output Pin, I/O Pin and Register States When Reset Is Input
Pin and register states while the
RESET input is pulled to a “L” level are listed below.
Output pin, I/O pin
State
DI/O
Input state
KREQ
“L” (VSS)
OSC2
Oscillating state
R0/C0 to R4/C4 (when these pins are used for key
scanning in ML9092-01);
R0 to R5 (ML9092-02/03);
R0 toR4 (ML9092-04)
“L” (VSS)
R0/C0 to R4/C4 (when these pins are used as port C
outputs in ML9092-01)
High impedance
C0/D0 to C4/D4 (when these pins are used as port D
outputs in ML9092-01)
High impedance (any pull-up resistors are turned off)
PA0
High impedance
PB0 to PB2 (ML9092-01/04)
High impedance
SEG1 to SEG56 (ML9092-01);
SEG1 to SEG60 (ML9092-02/03/04)
VSS
COM1 to COM10
VSS
Register
State
Key scan register
Reset to “0”
Display data register
Display data is retained
X address register
Reset to “0”
Y address register
Reset to “0”
Port A register
Reset to “0”
Port B register (ML9092-01/04)
Reset to “0”
Port C register
(When KPS = “0” in ML9092-01)
Reset to “0”
Port D register
(When KPS = “0” in ML9092-01)
Reset to “0”
Control register 1
Bits INC and KT are set to “1”.
Bits WLS, SHL, PE, DTY1 and DTY0 are reset to “0”.
Control register 2
Display OFF, normal mode
(Standby mode is released)
Rotary encoder read register
Reset to “0”
Contrast ADJ register
Set to “F”
PWM0 register (for ML9092-01/04)
Reset to “0”
PWM1 register (for ML9092-01/04)
Reset to “0”
PWM2 register (for ML9092-01/04)
Reset to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com