Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 51 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 51 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 47Page - OKI electronic componets ML9092-01TB Datasheet HTML 48Page - OKI electronic componets ML9092-01TB Datasheet HTML 49Page - OKI electronic componets ML9092-01TB Datasheet HTML 50Page - OKI electronic componets ML9092-01TB Datasheet HTML 51Page - OKI electronic componets ML9092-01TB Datasheet HTML 52Page - OKI electronic componets ML9092-01TB Datasheet HTML 53Page - OKI electronic componets ML9092-01TB Datasheet HTML 54Page - OKI electronic componets ML9092-01TB Datasheet HTML 55Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
51/66
1-2) Counterclockwise Rotation
When the A and B signals are input as shown in Figure 4, the phase detection circuit outputs the
DOWN signal after the chattering absorption period. At this time, the KREQ output goes to a
high level, so that this signal can be used as the interrupt signal. The KREQ signal maintains a
high level until the rotary encoder read instruction is executed.
Figure 5 Input/Output Timing for Counterclockwise Rotation
2) UP/DOWN Counter
The UP/DOWN counter is incremented when an UP signal is input and decremented when a DOWN
signal is input. However, if the counter reaches “0111” and an UP signal is input, the UP/DOWN
counter will hold “0111”. In the same manner, if the UP/DOWN counter is at “1000” and a DOWN
signal is input, the UP/DOWN counter will hold “1000”.
Figure 6 When the Up Counter Overflows
Figure 7 When the Down Counter Overflows
B
A
KREQ
Chattering absorption period
DOWN (internal signal)
B
Q4, Q3, Q2, Q1
A
0001
0010
0011
0100
0101
0110
0111
0111
B
Q4, Q3, Q2, Q1
A
1111
1110
1101
1100
1011
1010
1001
1000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com