Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 56 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 56 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 52Page - OKI electronic componets ML9092-01TB Datasheet HTML 53Page - OKI electronic componets ML9092-01TB Datasheet HTML 54Page - OKI electronic componets ML9092-01TB Datasheet HTML 55Page - OKI electronic componets ML9092-01TB Datasheet HTML 56Page - OKI electronic componets ML9092-01TB Datasheet HTML 57Page - OKI electronic componets ML9092-01TB Datasheet HTML 58Page - OKI electronic componets ML9092-01TB Datasheet HTML 59Page - OKI electronic componets ML9092-01TB Datasheet HTML 60Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
56/66
X•Y address Counter Auto Increment
The liquid crystal display RAM has an X-address counter and a Y-address counter. Each address counter has an
Auto Increment function.
When display data is read or written, this function increments either of these X- and Y-address counters (which is
selected by the INC bit (D7 bit) of the control register 1).
INC bit = “0” selects the Y-address counter.
INC bit = “1” selects the X-address counter.
The address counting cycle of the X address counter varies according to the selected word length (8 bits or 6 bits):
X address range of 0 to 6 (ML9092-01) or 0 to7 (ML9092-02/03/04) in the 8-bits/word mode or X address range of
0 to 9 in the 6-bits/word mode.
When the X address count returns to 0 from a maximum value (6 (ML9092-01) or 7 (ML9092-02/03/04) in the
8-bits/word mode, or 9 in the 6-bits/word mode), the Y address is also incremented automatically.
The relationship between display duties and Y address count ranges is shown below.
When the Y-address counter returns to 0 from a maximum value, the X address is also incremented automatically.
Model
Duty
Y-address count range (cycle)
Maximum Y address count
1/8
0 to 7
7
1/9
0 to 8
8
ML9092-01/02/03/04
1/10
0 to 9
9
Note:
If an invalid address (outside the address count range) is given to the X- or Y- address counter,
its counting will not be assured.
Example of incrementing the X-address
Example of incrementing the Y-address
(8 bits per word and 1/10 duty)
(8 bits per word and 1/10 duty)
0
1
2
7
0
X address
1
9
0
0
X address
1
7
1
2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com