Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 20 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 20 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 16Page - OKI electronic componets ML9092-01TB Datasheet HTML 17Page - OKI electronic componets ML9092-01TB Datasheet HTML 18Page - OKI electronic componets ML9092-01TB Datasheet HTML 19Page - OKI electronic componets ML9092-01TB Datasheet HTML 20Page - OKI electronic componets ML9092-01TB Datasheet HTML 21Page - OKI electronic componets ML9092-01TB Datasheet HTML 22Page - OKI electronic componets ML9092-01TB Datasheet HTML 23Page - OKI electronic componets ML9092-01TB Datasheet HTML 24Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
20/66
ELECTRICAL CHARACTERISTICS
Oscillating Frequency Characteristics
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable Pins
Oscillating Frequency
fOSC
56 k
Ω
(resistor with accuracy within ±2%)
210
306
445
kHz
OSC1, OSC2
DC Characteristics
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable Pins
“H” Input Voltage 1
VIH1
When input
externally
0.85VDD
—
—
V
OSC1
“H” Input Voltage 2
VIH2
—
0.85VDD
—
—
V
RESET
“H” Input Voltage 3
VIH3
—
0.85VDD
—
—
V
CP, A, B, C0–C3,
C0/D0–C4/D4,C0–C4
CS, DI/O
“H” Input Voltage 4
VIH4
—
0.8VDD
—
—
V
KPS
“L” Input Voltage 1
VIL1
When input
externally
—
—
0.15VDD
V
OSC1
“L” Input Voltage 2
VIL2
—
—
—
0.15VDD
V
RESET
“L” Input Voltage 3
VIL3
—
—
—
0.15VDD
V
CP, A , B, CS, DI/O,
“L” Input Voltage 4
VIL4
—
—
—
0.2VDD
V
KPS
“L” Input Voltage 5
VIL5
—
—
—
0.23VDD
V
C0/D0–C4/D4,C0–C3,
C0–C4
“H” Input Current 1
IIH1
VI = VDD
—
—
10
µA
RESET
“H” Input Current 2
IIH2
VI = VDD
—
—
10
µA
C0/D0–C4/D4,
C0–C3, C0–C4
“H” Input Current 3
IIH3
DI/O = Input mode,
All ports = HiZ,
VI = VDD
—
—
10
µA
DI/O, PA0, PB0–PB2,
R0/C0–R4/C4,
C0/D0–C4/D4
“H” Input Current 4
IIH4
VI = VDD
—
—
1
µA
OSC1,
CS, CP,
KPS , A , B
“L” Input Current 1
IIL1
VDD = 5 V, VI = 0 V
–0.1
–0.05
–0.02
mA
RESET
“L” Input Current 2
IIL2
VDD = 5 V, VI = 0 V
–0.9
–0.45
–0.18
mA
C0/D0–C4/D4,
C0–C3,C0–C4
“L” Input Current 3
IIL3
DI/O = Input mode,
All ports = HiZ,
VI = 0 V
–10
—
—
µA
DI/O, PA0, PB0–PB2,
R0/C0–R4/C4,
C0/D–C4/D4
“L” Input Current 4
IIL4
VI = 0 V
–1
—
—
µA
OSC1,
CS, CP, KPS, A,
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com