Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 47 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 47 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 43Page - OKI electronic componets ML9092-01TB Datasheet HTML 44Page - OKI electronic componets ML9092-01TB Datasheet HTML 45Page - OKI electronic componets ML9092-01TB Datasheet HTML 46Page - OKI electronic componets ML9092-01TB Datasheet HTML 47Page - OKI electronic componets ML9092-01TB Datasheet HTML 48Page - OKI electronic componets ML9092-01TB Datasheet HTML 49Page - OKI electronic componets ML9092-01TB Datasheet HTML 50Page - OKI electronic componets ML9092-01TB Datasheet HTML 51Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
47/66
(2) D6 (WLS) (Word Length Select)
1: 6-bit word length select
0: 8-bit word length select
This bit selects the word length of data to be written to and read from the display RAM. If “1” is written to this bit,
data will be read from and written to the display RAM in 6-bit units. If “0” is written to this bit, data will be read
from and written to the display RAM in 8-bit units. This bit is reset to “0” if the
RESET pin is pulled to a “L” level.
(3) D5 (KT) (Key scan time) Key scan time select bit
1: 10 ms
0: 5 ms
This bit selects the key scan cycle time. In the case of a 306 kHz oscillating frequency, writing a “1” to this bit sets
the key scan cycle time at 10 ms (1/3072 divided frequency of the oscillating frequency), writing a “0” sets the key
scan cycle time at 5 ms (1/1536 divided frequency of the oscillating frequency). This bit is set to “1” if the
RESET
pin is pulled to a “L” level.
(4) D4 (SHL) (Common driver shift direction select bit)
This bit selects the shift direction of common drivers.
The relationship between this bit and shift directions are shown below.
This bit is reset to “0” if the
RESET pin is pulled to a “L” level.
SHL
Duty
Shift direction
1/8
COM8
→
COM1
1/9
COM9
→
COM1
1
1/10
COM10
→
COM1
1/8
COM1
→
COM8
1/9
COM1
→
COM9
0
1/10
COM1
→
COM10
(5) D3 (BE) (Voltage doubler operation control bit )
This bit controls the operation of the voltage doubler. (Applies to ML9092-01/02.)
1: Voltage doubler enable
0: Voltage doubler disable
This bit is reset to “0” if the
RESET pin is pulled to a “L” level.
(6) D2 (PE) (General-purpose port output enable/disable select bit)
This bit selects high impedance output or output enable for the general-purpose port outputs A, B, C and D (C and
D apply to ML9092-01 only; B applies to ML9092-01/04).
1: Output enable
0: High-impedance output (output disable)
This bit is reset to “0” if the
RESET pin is pulled to a “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com