Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 60 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 60 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 56Page - OKI electronic componets ML9092-01TB Datasheet HTML 57Page - OKI electronic componets ML9092-01TB Datasheet HTML 58Page - OKI electronic componets ML9092-01TB Datasheet HTML 59Page - OKI electronic componets ML9092-01TB Datasheet HTML 60Page - OKI electronic componets ML9092-01TB Datasheet HTML 61Page - OKI electronic componets ML9092-01TB Datasheet HTML 62Page - OKI electronic componets ML9092-01TB Datasheet HTML 63Page - OKI electronic componets ML9092-01TB Datasheet HTML 64Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
60/66
Flowchart for Setting the Standby Mode and Releasing the Standby Setting with KREQ by Key Input
(Applies to the ML9092-03/04)
Normal operaton
Set DISP of control register 2 to
“1”
Displaying of initial screen started
Settings completed
NO
YES
Make a setting for registers
again
Is initial screen
data input
complete?
Make a setting of INC, WLS, KT,
SHL, BE, PE, DTY1, and DTY0
again
Make a setting for port register A
and display data RAM again
according to the specification.
Standby state
Standby state
Make a setting for control register
2 again
LCD driving voltage: ON
Key input
Make a setting for control
register 2
NO
YES
KREQ output =
“H” level ?
Release STB.
Setting of STB and DISP
LCD driving voltage: OFF
Pull VHIN and V0 to the VSS level
or put them into a floating state.
Turn external power supply (VHIN) OFF
Make a setting for control
register 2
Turn external power supply (VHIN) ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com