Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 50 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 50 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 46Page - OKI electronic componets ML9092-01TB Datasheet HTML 47Page - OKI electronic componets ML9092-01TB Datasheet HTML 48Page - OKI electronic componets ML9092-01TB Datasheet HTML 49Page - OKI electronic componets ML9092-01TB Datasheet HTML 50Page - OKI electronic componets ML9092-01TB Datasheet HTML 51Page - OKI electronic componets ML9092-01TB Datasheet HTML 52Page - OKI electronic componets ML9092-01TB Datasheet HTML 53Page - OKI electronic componets ML9092-01TB Datasheet HTML 54Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
50/66
Functional Description of the Rotary Encoder Switch
As shown in Figure 3, the rotary encoder switch circuit is made up of phase detection circuit, an interrupt
generation circuit, an up/down counter and a parallel-in/serial-out register.
Phase detection circuit
UP DOWN
B
A
Up/down counter
Parallel in/serial out
shift register
Interrupt
generation circuit
To KREQ
Output data
Q4
Q3
Q2
Q1
Figure 3 Rotary Encoder Switch Circuit
1) Phase Detection and Interrupt Generation Circuits
1-1) Clockwise Rotation
When the A and B signals are input as shown in Figure 4, the phase detection circuit outputs the UP
signal after the chattering absorption period. At this time, the KREQ output goes to a high level, so
that this signal can be used as the interrupt signal. The KREQ signal maintains a high level until the
rotary encoder read instruction is executed.
UP (internal signal)
B
A
KREQ
Chattering absorption period
Figure 4 Input/Output Timing for Clockwise Rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com