Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 41 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 41 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 37Page - OKI electronic componets ML9092-01TB Datasheet HTML 38Page - OKI electronic componets ML9092-01TB Datasheet HTML 39Page - OKI electronic componets ML9092-01TB Datasheet HTML 40Page - OKI electronic componets ML9092-01TB Datasheet HTML 41Page - OKI electronic componets ML9092-01TB Datasheet HTML 42Page - OKI electronic componets ML9092-01TB Datasheet HTML 43Page - OKI electronic componets ML9092-01TB Datasheet HTML 44Page - OKI electronic componets ML9092-01TB Datasheet HTML 45Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
41/66
• Key scan register (KR)—Read (for ML9092-02/03)
D7
D6
D5
D4
D3
D2
D1
D0
ST2
ST1
ST0
0
S3
S2
S1
S0
(1) D7 to D5 (ST2 to ST0) (Key scan read count display bits)
24-bit key scan data is divided into 6 groups and read. The read count is indicated by bits ST2 to ST0.
Every time key scan data is read, these bits are automatically incremented over the range of “000” to “101”. After
counting to “101”, this counter is reset to “000” and then again incremented from “000”, thereafter repeating this
cycle. If the
CS signal is risen up during the cycle of counting, the scan read counter bits are returned to “000”.
If the
RESET pin is pulled to a “L” level, these bits are reset to “0”.
(2) D3 to D0 (S3 to S0) (Key scan read data bits)
These bits are read as 24-bit serial data that expresses the key switch status (1 = ON, 0 = OFF). Data is divided into
6 groups and read. (For the read order, refer to the description below.) The read count is indicated by bits ST2 to
ST0.
The correspondence between the scan read count data, key scan data and key matrix switches is shown below.
If the
RESET pin is pulled to a “L” level, these bits are reset to “0”.
ST2
ST1
ST0
S4
S3
S2
S1
S0
0
0
0
0
SW03
SW02
SW01
SW00
R0
0
0
1
0
SW13
SW12
SW11
SW10
R1
0
1
0
0
SW23
SW22
SW21
SW20
R2
0
1
1
0
SW33
SW32
SW31
SW30
R3
1
0
0
0
SW43
SW42
SW41
SW40
R4
1
0
1
0
SW53
SW52
SW51
SW50
R5
Note: SW00 to SW53 indicate the corresponding switches in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com