Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 46 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 46 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 42Page - OKI electronic componets ML9092-01TB Datasheet HTML 43Page - OKI electronic componets ML9092-01TB Datasheet HTML 44Page - OKI electronic componets ML9092-01TB Datasheet HTML 45Page - OKI electronic componets ML9092-01TB Datasheet HTML 46Page - OKI electronic componets ML9092-01TB Datasheet HTML 47Page - OKI electronic componets ML9092-01TB Datasheet HTML 48Page - OKI electronic componets ML9092-01TB Datasheet HTML 49Page - OKI electronic componets ML9092-01TB Datasheet HTML 50Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
46/66
• Port register C (PTC) set
D7
D6
D5
D4
D3
D2
D1
D0
—
—
—
PTC4
PTC3
PTC2
PTC1
PTC0
—: don’t care
The port register C set instruction sets the output of port C. (Applies to the ML9092-01 only.)
This register is enabled when a “L” level is applied to the KPS pin of ML9092-01 and the R0/C0 to R4/C4 pins are
set as port C.
When each bit of PTC4 to PTC0 is set to “1”, a “H” level is output from each of the R4/C4 to R0/C0 pins of the
general purpose port C. In the same way, when each bit of PTC4 to PTC0 is set to “0”, a “H” level is output from
each of the R4/C4 to R0/C0 pins. If the
RESET pin is pulled to a “L” level, the PE bit (bit D2) of the control
register is reset to “0”, this register is reset to “0”, and the R4/C4 to R0/C0 pins go to high impedance.
After the reset state is released, if the PTC4 to PTC0 bits of this register are set to “1” or “0” and then the PE bit is
set to “1”, the R4/C4 to R0/C0 pins are released from its high impedance state and a “H” or “L” level that
corresponds to the set status of each bit of PTC4 to PTC0, is output from the R4/C4 to R0/C0 pins.
• Port register D (PTD) set
D7
D6
D5
D4
D3
D2
D1
D0
—
—
—
PTD4
PTD3
PTD2
PTD1
PTD0
—: don’t care
The port register D set instruction sets the output of port D. (Applies to the ML9092-01 only.)
This register is enabled when a “L” level is applied to the KPS pin of ML9092-01 and the C0/D0 to C4/D4 pins are
set as port C.
When each bit of PTD4 to PTD0 is set to “1”, a “H” level is output from each of the C4/D4 to C0/D0 pins of the
general purpose port D. In the same way, when each bit of PTD4 to PTD0 is set to “0”, a “H” level is output from
each of the C4/D4 to C0/D0 pins. If the
RESET pin is pulled to a “L” level, the PE bit (bit D2) of the control
register is reset to “0”, this register is reset to “0”, and the C4/D4 to C0/D0 pins go to high impedance.
After the reset state is released, if the PTD4 to PTD0 bits of this register are set to “1” or “0” and then the PE bit is
set to “1”, the C4/D4 to C0/D0 pins are released from its high impedance state and a “H” or “L” level that
corresponds to the set status of each bit of PTD4 to PTD0, is output from the C4/D4 to C0/D0 pins.
• Control register 1 (FCR1)
D7
D6
D5
D4
D3
D2
D1
D0
INC
WLS
KT
SHL
BE
PE
DTY1
DTY0
(1) D7 (INC) Address increment direction
1: X direction address increment
0: Y direction address increment
This bit sets the address increment direction of the display RAM. The display RAM address is automatically
incremented by 1 every time data is written to the display data register. Writing a “1” to this bit sets “X address
increment,” and writing a “0” sets “Y address increment.” For further details regarding address incrementing,
refer to the page entitled “X, Y Address Counter Auto Increment.” This bit is set to “1” if the
RESET pin is pulled
to a “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com