Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 13Page - OKI electronic componets ML9092-01TB Datasheet HTML 14Page - OKI electronic componets ML9092-01TB Datasheet HTML 15Page - OKI electronic componets ML9092-01TB Datasheet HTML 16Page - OKI electronic componets ML9092-01TB Datasheet HTML 17Page - OKI electronic componets ML9092-01TB Datasheet HTML 18Page - OKI electronic componets ML9092-01TB Datasheet HTML 19Page - OKI electronic componets ML9092-01TB Datasheet HTML 20Page - OKI electronic componets ML9092-01TB Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
17/66
• V
S1–
Negative connection pin for the capacitor for the voltage doubler. Connect a 4.7
µF (±30%) capacitor between this
pin and the VC1+ pin. When the voltage doubler is not used, leave this pin unconnected (open).
This pin is provided for the ML9092-01/02.
• V
C1+
Positive connection pin for the capacitor for the voltage doubler. Connect a 4.7
µF (±30%) capacitor between this
pin and the VS1– pin. When the voltage doubler is not used, leave this pin unconnected (open).
This pin is provided for the ML9092-01/02.
• V
OUT
A voltage twice that which is input to the VIN pin is output to this pin. Connect a 4.7 µF capacitor between this pin
and the VSS pin. When the internal voltage doubler is not used, input the specified voltage to this pin from the
outside. When built-in contrast adjustment (electronic volume) is used, leave the connection between this pin and
the V0 pin open. The LCD drive voltage will be output from the V0 pin according to the contrast adjustment value.
When built-in contrast adjustment is not used, connect this pin with the V0 pin.
This pin is provided for the ML9092-01/02.
• V
0, V2
LCD bias pins. A bias dividing resistor is connected to these pins.
These pins are provided for the ML9092-01/02/04.
• V
HIN
LCD drive high voltage power supply connection pin. When built-in contrast adjustment (electronic volume) is
used, input the LCD drive power supply voltage to this pin. The LCD drive voltage will be output from the V0 pin
according to the contrast adjustment value. When built-in contrast adjustment is not used, strap the VHIN pin and
V0 pin outside the IC, and input the LCD drive voltage into both pins.
This pin is provided for the ML9092-03/04.
• V
0, V1, V2, V3
LCD bias pins. A bias dividing resistor is connected to these pins. When using a large-screen LCD, however,
input the LCD bias voltage from outside the IC to these pins.
This is applicable to the ML9092-03.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com