Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 32 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 32 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 28Page - OKI electronic componets ML9092-01TB Datasheet HTML 29Page - OKI electronic componets ML9092-01TB Datasheet HTML 30Page - OKI electronic componets ML9092-01TB Datasheet HTML 31Page - OKI electronic componets ML9092-01TB Datasheet HTML 32Page - OKI electronic componets ML9092-01TB Datasheet HTML 33Page - OKI electronic componets ML9092-01TB Datasheet HTML 34Page - OKI electronic componets ML9092-01TB Datasheet HTML 35Page - OKI electronic componets ML9092-01TB Datasheet HTML 36Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
32/66
Instruction Code List (ML9092-02/03)
Instruction Code
Data
No.
Instruction
Fixed bit R/W
Register No.
Description
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
0
Key scan register read
1
1
1
0
0
0
0
0
ST2
ST1
ST0
0
S3
S2
S1
S0
Reads scan read timing bits (ST0 to ST2) and key scan
data (S0 to S4) of the key scan register.
1
Display data RAM write
1
1
0
0
0
0
0
1
D7
D6
D5
D4
D3
D2
D1
D0
1
Display data RAM read
1
1
1
0
0
0
0
1
D7
D6
D5
D4
D3
D2
D1
D0
2
X address register set
1
1
0
0
0
0
1
0
–
–
–
–
X3
X2
X1
X0
Sets the X address (X0 to X3) of the display data RAM.
3
Y address register set
1
1
0
0
0
0
1
1
–
–
–
–
Y3
Y2
Y1
Y0
Sets the Y address (Y0 to Y3) of the display data RAM.
4
Port register A set
1
1
0
0
0
1
0
0
–
–
–
–
–
–
–
PTA0 Controls the output of the general-purpose port A (PTA0).
8
Control register 1 set
1
1
0
0
1
0
0
0
INC
WLS
KT
SHL
(BE)
PE
DTY1 DTY0
Sets the address increment X or Y direction (INC), display
data word length (WLS), key scan time (KT), common
driver shift direction (SHL), voltage doubler control (BE)
(only applies to ML9092-02), port control (PE), and display
duty (DTY0, DTY1).
9
Control register 2 set
1
1
0
0
1
0
0
1
0
0
0
0
0
0
(STB) DISP
Sets or releases standby mode (only applies to ML9092-
03) and also sets display ON/OFF (DISP).
A
Rotary encoder read
1
1
1
0
1
0
1
0
Q4
Q4
Q4
Q4
Q4
Q3
Q2
Q1
Reads the counter bits (Q1 to Q4) of the rotary encoder.
B
Contrast ADJ set
1
1
0
0
1
0
1
1
–
–
–
–
CT3
CT2
CT1
CT0
Sets contrast adjustment values with the contrast
adjustment bits (CT0 to CT3).
F
Test register set
1
1
0
0
1
1
1
1
–
–
–
T5
T4
T3
T2
T1
Test instruction exclusively used by manufacturer (T1 to
T5). Customers should not use this instruction.
Writes display data (D0 to D7) in the display data RAM
after setting the X address of Y address.
Reads display data (D0 to D7) from the display data RAM
after setting the X address of Y address.
Notes:
R/W
: Read/write select bit
1:Read, 0: Write
ST0 to ST2
: Key scan read count display bits
S0 to S3
: Key scan data
D0 to D7
: Write or read data of the display data RAM
X0 to X3
: X addresses of the display data RAM
Y0 to Y3
: Y addresses of the display data RAM
PTA0
: Port A data
INC
: Display data RAM address increment. 1: X direction, 0: Y direction
WLS
: Word length select bit
1: 6 bits, 0: 8 bits
KT
: Key scan period select bit
1: 10 ms, 0: 0.5 ms
SHL
: Common driver shift direction select bit
1: COM10
→COM1, 0: COM1→COM10
BE (only applies to ML9092-02)
: Voltage doubler control bit
1: Voltage doubler enable
0: Voltage doubler disable
PE
: Port enable/disable select bit
1: All ports enable
0: All ports go into high impedance for output
DTY0, DTY1
: Display duty select bits (1/8, 1/9, 1/10)
DISP
: Display ON/OFF select bit
1: Display ON, 0: Display OFF
Q1 to Q4
: Rotary encoder switch count bits (2’s complement)
CT0 to CT3
: Contrast adjustment bit
T1 to T5
: Bits for test instruction. Customers should not access these bits.
–
: Don’t Care
STB (only applies to ML9092-03)
: Standby mode/normal mode select bit
1: Standby mode, 0: Normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com