Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 24 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 24 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 20Page - OKI electronic componets ML9092-01TB Datasheet HTML 21Page - OKI electronic componets ML9092-01TB Datasheet HTML 22Page - OKI electronic componets ML9092-01TB Datasheet HTML 23Page - OKI electronic componets ML9092-01TB Datasheet HTML 24Page - OKI electronic componets ML9092-01TB Datasheet HTML 25Page - OKI electronic componets ML9092-01TB Datasheet HTML 26Page - OKI electronic componets ML9092-01TB Datasheet HTML 27Page - OKI electronic componets ML9092-01TB Datasheet HTML 28Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
24/66
Measuring Circuits
Voltage Doubler Voltage Measuring Circuit
Current Measuring Circuit 1
Current Measuring Circuit 2
*1: For ML9092-01, these are SEG1–56, PB0–PB2, KPS, C0/D0–C4/D4, and R0/C0–R4/C4.
For ML9092-02, these are SEG1–60, C0–C3, and R0–R5; PB0–PB2 and KPS are not provided.
VSS
TEST
PA0
SEG1–SEG56(60)
COM1–COM10
*1
PB0–PB2
C0/D0–C4/D4
R0/C0–R4/C4
OPEN
VDD
VIN
VC1+
VS1–
CS
CP
DI/O
OSC2
OSC1
RESET
VDD
+
–
OPEN
OPEN
VOUT
V2
4.7
µF±30%
+
A
IDD1
VSS
TEST
PA0
SEG1–SEG56(60)
COM1–COM10
*1
PB0–PB2
C0/D0–C4/D4
R0/C0–R4/C4
OPEN
VDD
VIN
CS
CP
DI/O
OSC2
OSC1
OPEN
RESET
VDD
+
–
OPEN
OPEN
V2
A
IDD2
R = 56 k
Ω
±2%
5.5 V
5.5 V
5.5 V
5.5 V
VDD
VDD
f = 445 kHz
±30%
4.7
µF
±30%
4.7
µF
Voltage is doubled (internal oscillation)
Voltage is doubled (external clock)
A
IVIN
VO
VC1+
VS1–
VO
VOUT
+
4.7
µF±30%
A
B
A
B
KPS
KPS
(C0–C3)
(R0–R5)
(C0–C3)
(R0–R5)
KREQ
OPEN
KREQ
OPEN
OPEN
OPEN
VSS
Voltage is doubled
(1/4 bias)
TEST
PA0
SEG1–SEG56(60)
COM1–COM10
*1
PB0–PB2
C0/D0–C4/D4
R0/C0–R4/C4
OPEN
VDD
VIN
VC1+
VS1–
VOUT
VO
V2
CS
CP
DI/O
OSC2
OSC1
OPEN
f = 210 kHz
RESET
VDD
V
VDB
+
VIN
4.7
µF ±30%
100
µA
–
OPEN
OPEN
+
VDD
VDD
±30%
4.7
µF
KPS
A
B
(C0–C3)
(R0–R5)
KREQ
OPEN
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com