Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 52 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 52 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 48Page - OKI electronic componets ML9092-01TB Datasheet HTML 49Page - OKI electronic componets ML9092-01TB Datasheet HTML 50Page - OKI electronic componets ML9092-01TB Datasheet HTML 51Page - OKI electronic componets ML9092-01TB Datasheet HTML 52Page - OKI electronic componets ML9092-01TB Datasheet HTML 53Page - OKI electronic componets ML9092-01TB Datasheet HTML 54Page - OKI electronic componets ML9092-01TB Datasheet HTML 55Page - OKI electronic componets ML9092-01TB Datasheet HTML 56Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
52/66
3) Parallel-in/Serial-out Shift Register
The KREQ signal goes to a low level when the rotary encoder read instruction is executed, when the
UP/DOWN counter will be reset to “0”.
Figure 8 Operation of KREQ Output
Notes:
1. The KREQ signal is output by a logical OR of the KREQ signal generated by a key scan and the
KREQ signal generated by the rotary encoder. The KREQ signal from the rotary encoder is reset by
executing the rotary encoder read instruction; however, the KREQ signal generated by a key scan is
not reset even if the key scan register read instruction is executed. Also, if the KREQ signal is
generated by a key scan, it will not be reset even if the rotary encoder read instruction is executed.
Although dependent on the components glued to this LSI, it is recommended that the rotary encoder
read instruction and key scan register read instruction be executed as a set when the KREQ signal
goes to a “H” level.
2. The maximum read cycle time for when the KREQ signal is at a “H” level is practically determined by
the signal input from the rotary encoder and the 3-bit counter built into this LSI. Therefore, make the
time taken before starting to execute the rotary encoder read instruction 12 ms or less.
3. Using a rotary encoder switch that has the click stabilizing points shown below is recommended.
Click stabilizing points
A signal
B signal
Waveform of a Recommended Rotary Encoder Switch
CS
CP
DI/O
1
2
8
9
11
10
12 13 14 15 16
Instruction code
READ DATA1
Output state
Input state
KREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com