Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9092-01TB Datasheet(PDF) 63 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 63 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 58Page - OKI electronic componets ML9092-01TB Datasheet HTML 59Page - OKI electronic componets ML9092-01TB Datasheet HTML 60Page - OKI electronic componets ML9092-01TB Datasheet HTML 61Page - OKI electronic componets ML9092-01TB Datasheet HTML 62Page - OKI electronic componets ML9092-01TB Datasheet HTML 63Page - OKI electronic componets ML9092-01TB Datasheet HTML 64Page - OKI electronic componets ML9092-01TB Datasheet HTML 65Page - OKI electronic componets ML9092-01TB Datasheet HTML 66Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
63/66
APPLICATION CIRCUIT
Application Example—1/10 duty, 1/4 bias, voltage doubler used (internal contrast adjustment not used)
ML9092-01
VIN
VCC
VC1+
VS1–
+
4.7
µF
VOUT
V0
+
4.7
µF
PWM output
ports
5
× 5 key matrix
C0/D0 C1/D1
C2/D2
C3/D3
C4/D4
VDD
KPS
VSS
PA0
OSC1
OSC2
56 k
Ω
TEST
RESET
VDD = 5 V
R0/C0
R1/C1
R2/C2
R3/C3
R4/C4
SEG1–56
COM1–COM10
LCD panel
Temperature
compensat-
ing and
stabilizing
circuits
56
× 10 dots
graphic
1
µF
PB0–PB2
CP
DI/O
CS
KREQ
Port
or
serial port
CPU
A, B
Rotary
switch
L.P.F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com